Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 6Page - STMicroelectronics L99MOD51XP Datasheet HTML 7Page - STMicroelectronics L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics L99MOD51XP Datasheet HTML 13Page - STMicroelectronics L99MOD51XP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
L99MOD51XP
10/33
DS12667 Rev 6
2.4
Temperature warning and thermal shutdown
2.5
Electrical characteristics
VS = 8 to 16 V, VCC = 4.5 to 5.3 V, Tj = - 40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 6. Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
Warning threshold junction temperature
Tj increasing
150
°C
TjTW OFF Warning threshold junction temperature
Tj decreasing
130
°C
TjTW HYS Temperature warning hysteresis
5
°K
TjSD ON
Thermal shutdown threshold junction temperature
Tj increasing
170
°C
TjSD OFF
Thermal shutdown threshold junction temperature
Tj decreasing
150
°C
TjSD HYS
Thermal shutdown hysteresis
5
°K
Table 7. Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Operating supply voltage range
7
28
V
IS
VS DC supply current
VS = 13 V, VCC = 5.0 V
active mode
OUT1 - OUT5 floating
720
mA
VS quiescent supply current
VS = 13 V, VCC = 0 V
standby mode
OUT1 - OUT5 floating
Ttest =-40 °C, 25 °C
310
μA
Ttest = 130 °C
6
20
μA
ICC
VCC DC supply current
VS = 13 V, VCC = 5.0 V
CSN = VCC
active mode
13
mA
VCC quiescent supply current
VS = 13 V, VCC = 5.0 V
CSN = VCC
standby mode
OUT1 - OUT5 floating
13
μA
IS + ICC
Sum quiescent supply current
VS = 13 V, VCC = 5.0 V
CSN = VCC
standby mode
OUT1 - OUT5 floating
723
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com