Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics L99MOD51XP Datasheet HTML 13Page - STMicroelectronics L99MOD51XP Datasheet HTML 14Page - STMicroelectronics L99MOD51XP Datasheet HTML 15Page - STMicroelectronics L99MOD51XP Datasheet HTML 16Page - STMicroelectronics L99MOD51XP Datasheet HTML 17Page - STMicroelectronics L99MOD51XP Datasheet HTML 18Page - STMicroelectronics L99MOD51XP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DS12667 Rev 6
15/33
L99MOD51XP
SPI - electrical characteristics
32
Note:
DI timing parameters tested in production by a passed/failed test:
Tj = -40 °C/+25 °C: SPI communication @ 2 MHz.
Tj = +125 °C:
SPI communication @ 1.25 MHz.
Note:
See Figure 3 and Figure 4.
Note:
See Figure 5 and Figure 6.
Note:
See Figure 7.
Table 15. DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
VCC = 5 V, ID = -4 mA
0.2
0.4
V
VDOH
Output high level
VCC = 5 V, ID = 4 mA
VCC
-0.4
VCC
-0.2
V
IDOLK
Tristate leakage current
VCSN = VCC,
0 V < VDO < VCC
-10
10
μA
CDO (1)
Tristate input capacitance
VCSN = VCC,
0 V < VCC < 5.3 V
10
15
pF
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 16. DO timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, Iload = -1 mA
80
140
ns
tf DO
DO fall time
CL = 100 pF, Iload = 1 mA
50
100
ns
ten DO tri L
DO enable time
from tristate to low level
CL = 100 pF, Iload = 1 mA
pull-up load to VCC
100
250
ns
tdis DO L tri
DO disable time
from low level to tristate
CL = 100 pF, Iload = 4 mA
pull-up load to VCC
380
450
ns
ten DO tri H
DO enable time
from tristate to high level
CL =100 pF, Iload = -1 mA
pull-down load to GND
100
250
ns
tdis DO H tri
DO disable time
from high level to tristate
CL = 100 pF, Iload = -4 mA
pull-down load to GND
380
450
ns
td DO
DO delay time
VDO < 0.3 VCC, VDO > 0.7VCC,
CL = 100 pF
50
250
ns
Table 17. EN, CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tEN_CSN_LO
Minimum EN high before sending
first SPI frame, i.e. CSN going low
Transfer of SPI-command to
input register
20
50
μs
tCSN_HI,min
Minimum CSN HI time between
two SPI frames
Transfer of SPI-command to
input register
24
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com