Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 7Page - STMicroelectronics L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics L99MOD51XP Datasheet HTML 13Page - STMicroelectronics L99MOD51XP Datasheet HTML 14Page - STMicroelectronics L99MOD51XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DS12667 Rev 6
11/33
L99MOD51XP
Electrical specifications
32
Table 8. Overvoltage and undervoltage detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSUV ON VS UV-threshold voltage
VS increasing
6.0
7.2
V
VSUV OFF VS UV-threshold voltage
VS decreasing
5.4
6.5
V
VSUV hyst VS UV-hysteresis
VSUV ON - VSUV OFF
0.55
V
VSOV OFF VS OV-threshold voltage
VS increasing
18
24.5
V
VSOV ON VS OV-threshold voltage
VS decreasing
17.5
V
VSOV hyst VS OV-hysteresis
VSOV OFF - VSOV ON
0.5
V
VPOR OFF Power-on-reset threshold
VCC increasing
4.4
V
VPOR ON Power-on-reset threshold
VCC decreasing
3.1
V
VPOR hyst Power-on-reset hysteresis
VPOR OFF - VPOR ON
0.3
V
Table 9. Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCM
Functional voltage range
VCC = 5 V0
4
V
ICM,r
Current monitor output ratio:
ICM / IOUT1,2,3,4,5
0 V
VCM 4 V, VCC = 5 V
1:10000
-
ICM acc
Current monitor accuracy
0V
VCM 4 V,
VCC = 5 V,
IOUT1-5,low = 500 mA
IOUT1,high = 6 A
IOUT2,3,high = 4.9 A
IOUT4,5,high = 1.2 A
(FS = full scale = 600
A)
- 8%
- 2%FS
(1)
0
8% +
2%FS
(1)
A
1. FS (full scale) = IOUTmax * ICMr_typ
Table 10. Charge pump output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCP
Charge pump output voltage
VS = 8 V, ICP = -60 μA
6
13
V
VS = 10 V, ICP = -80 μA
8
13
V
VS12 V, ICP = -100 μA10
13
V
ICP
Charge pump output current
VCP = VS+10 V
VS = 13.5 V
100
150
300
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com