Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 20Page - STMicroelectronics L99MOD51XP Datasheet HTML 21Page - STMicroelectronics L99MOD51XP Datasheet HTML 22Page - STMicroelectronics L99MOD51XP Datasheet HTML 23Page - STMicroelectronics L99MOD51XP Datasheet HTML 24Page - STMicroelectronics L99MOD51XP Datasheet HTML 25Page - STMicroelectronics L99MOD51XP Datasheet HTML 26Page - STMicroelectronics L99MOD51XP Datasheet HTML 27Page - STMicroelectronics L99MOD51XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Functional description of the SPI
L99MOD51XP
24/33
DS12667 Rev 6
Table 18. SPI - Input data and status register 0
Input register 0 (write)
Status register 0 (read)
Bit
Name
Comment
Name
Comment
15
Reset bit
If reset bit is set both status
registers will be cleared after
rising edge of CSN input.
Always 1
A broken VCC-or SPI-
connection of the
L99MOD51XP can be
detected by the
microcontroller, because all 16
bits low or high is not a valid
frame.
14
Disable open-
load
If the disable open-load bit is
set, the open-load status
bits will be ignored for the
NonErrorBit calculation.
VS
over-voltage
In case of an over-voltage or
undervoltage event the
corresponding bit is set and
the outputs are deactivated.
13
OC recovery
duty cycle
0: 12% 1: 25%
This bit defines in
combination with the over-
current recovery bit (input
register 1) the duty cycle in
over-current condition of an
activated driver. If
temperature warning bit is
set, L99MOD51XP will
always use the lower duty
cycle
VS
undervoltage
If VS voltage recovers to
normal operating conditions
outputs are reactivated
automatically.
12
Overvoltage/
under-voltage
recovery
disable
If this bit is set the
microcontroller has to clear
the status register after
undervoltage/overvoltage
event to enable the outputs.
Thermal
shutdown
In case of a thermal shutdown
all outputs are switched off.
The microcontroller has to
clear the TSD bit by setting the
reset bit to reactivate the
outputs.
11
Current monitor
select bits
Following current image
(1/10.000) of the HS driver
will be multiplexed to CM
output:
Temperature
warning
This bit is for information
purpose only. It can be used
for a thermal management by
the microcontroller to avoid a
thermal shutdown.
10
Not ready bit
After switching the device from
standby mode to active mode
an internal timer is started to
allow charge pump to settle
before the outputs can be
activated. This bit is cleared
automatically after start up
time has finished. Since this bit
is controlled by internal clock it
can be used for synchronizing
testing events (e.g. measuring
filter times).
9
0
Not used
Bit 11 Bit 10 Bit 9
Output
0
0
0
OUT1
0
0
1
OUT2
0
1
0
OUT3
0
1
1
OUT4
1
0
0
OUT5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com