Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 4Page - STMicroelectronics L99MOD51XP Datasheet HTML 5Page - STMicroelectronics L99MOD51XP Datasheet HTML 6Page - STMicroelectronics L99MOD51XP Datasheet HTML 7Page - STMicroelectronics L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Block diagram and pin description
L99MOD51XP
8/33
DS12667 Rev 6
9
CM/PWM
Current monitor output/PWM input.
Depending on the selected multiplexer bits (bit 9, 10, 11) of Input Data
Register this output sources an image of the instant current through the
corresponding high side driver with a ratio of 1/10.000. This pin is
bidirectional. The microcontroller can overwrite the current monitor
signal to provide a PWM input for all outputs.
10
CSN
Chip select not input.
This input is low active and requires CMOS logic levels. The serial data
transfer between L99MOD51XP and micro controller is enabled by
pulling the input CSN to low level.
11
DO
Serial data output.
The diagnosis data is available via the SPI and this tristate-output. The
output will remain in tristate, if the chip is not selected by the input CSN
(CSN = high).
12
VCC
Logic supply voltage.
For this input a ceramic capacitor as close as possible to GND is
recommended.
13
CLK
Serial clock input.
This input controls the internal shift register of the SPI and requires
CMOS logic levels.
16, 17
OUT2
Half-bridge output 2 (see OUT1 - pin 3, 4).
Note: for the capability of driving the full current at the outputs all pins of
OUT2 must be externally connected.
20, 21
OUT3
Half-bridge output 3 (see OUT1 - pin 3, 4).
Note: for the capability of driving the full current at the outputs all pins of
OUT3 must be externally connected.
26
CP
Charge Pump Output.
This output is provided to drive the gate of an external n-channel power
MOS used for reverse polarity protection (see Figure 1).
27
EN
Enable input.
If Enable input is forced to GND the device will enter in Standby-Mode.
The outputs will be switched off and all registers will be cleared
33, 35
OUT4, OUT5
High side driver output 4, 5.
The output is built by a high side switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. The high side driver is a power DMOS
transistor with an internal reverse diode from the output to VS (bulk-
drain-diode). The output is over-current and open-load protected.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com