Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 1 Page - STMicroelectronics

  L99MOD51XP Datasheet HTML 1Page - STMicroelectronics L99MOD51XP Datasheet HTML 2Page - STMicroelectronics L99MOD51XP Datasheet HTML 3Page - STMicroelectronics L99MOD51XP Datasheet HTML 4Page - STMicroelectronics L99MOD51XP Datasheet HTML 5Page - STMicroelectronics L99MOD51XP Datasheet HTML 6Page - STMicroelectronics L99MOD51XP Datasheet HTML 7Page - STMicroelectronics L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
October 2019
DS12667 Rev 6
1/33
L99MOD51XP
Multi-output driver for automotive applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 One half bridge for 7.4 A load
(RDSon = 150 mΩ)
 Two half bridges for 5 A load (RDSon = 200 mΩ)
 Two high-side drivers for 1.25 A load
(RDSon = 800 mΩ)
 Programmable soft start function to drive loads
with higher inrush currents (i.e.current > 7.4 A,
>5 A, >1.25 A)
 Very low current consumption in standby mode
(IS < 3 μA, typ., Tj  85 °C)
 All outputs short circuit protected
 Current monitor output for all high-side drivers
 All outputs over temperature protected
 Open-load diagnostic for all outputs
 Overload diagnostic for all outputs
 Programmable PWM control of all outputs
 Charge pump output for reverse polarity
protection
Applications
L99MOD devices are recommended for those
applications that need multiple motors control with
additional loads in high-side configuration, such
as bulbs/LEDs ors requiring protected supply, like
sensors or cameras.
Description
The L99MOD51XP is a microcontroller-driven
multifunctional actuator driver for automotive
applications. Up to two DC motors and two
grounded resistive loads can be driven with three
half bridges and two hide-side drivers.
The integrated SPI controls all operation modes
(forward, reverse, brake and high impedance).
Also, all diagnostic information is available via SPI
read.
Table 1. Device summary
Package
Order codes
Packing
PowerSSO-36
L99MOD51XPTR
Tape and reel
www.st.com


Similar Part No. - L99MOD51XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results

Similar Description - L99MOD51XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
logo
Recom International Pow...
RP-XX06 RECOM-RP-XX06 Datasheet
496Kb / 5P
6V Output For GaN Driver Applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
ON Semiconductor
NCV97400 ONSEMI-NCV97400 Datasheet
791Kb / 28P
Automotive Multi-Output Power Management IC (PMIC) for Safety Applications
March, 2019 ??Rev. 0
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com