Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 8Page - STMicroelectronics L99MOD51XP Datasheet HTML 9Page - STMicroelectronics L99MOD51XP Datasheet HTML 10Page - STMicroelectronics L99MOD51XP Datasheet HTML 11Page - STMicroelectronics L99MOD51XP Datasheet HTML 12Page - STMicroelectronics L99MOD51XP Datasheet HTML 13Page - STMicroelectronics L99MOD51XP Datasheet HTML 14Page - STMicroelectronics L99MOD51XP Datasheet HTML 15Page - STMicroelectronics L99MOD51XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical specifications
L99MOD51XP
12/33
DS12667 Rev 6
Table 11. OUT 1 - OUT 5
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RON OUT1
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT1 = 3 A
150
200
m
VS = 13.5 V, Tj = 125 °C,
IOUT1 = 3 A
225
300
m
VS = 8.0 V, Tj = 25 °C,
IOUT1 = 3 A
150
200
m
RON OUT2
RON OUT3
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT2,3 = 3 A
200
270
m
VS = 13.5 V, Tj = 125 °C,
IOUT2,3 = 3 A
300
400
m
VS = 8.0 V, Tj = 25 °C,
IOUT2,3 = 3 A
200
270
m
rON OUT4,
rON OUT5
On-resistance to supply or
GND
VS = 13.5 V, Tj = 25 °C,
IOUT4,5 = 0.8 A
800
1100
m
VS = 13.5 V, Tj = 125 °C,
IOUT4,5 = 0.8 A
1250
1700
m
VS = 8.0 V, Tj = 25 °C,
IOUT4,5 = 0.8 A
800
1100
m
|IOUT1|
Output current limitation to
supply or GND
Sink and source
7.4
15.5
A
|IOUT2|,
|IOUT3|
Output current limitation to
supply or GND
Sink and source
5.0
10.5
A
|IOUT4|,
|IOUT5|
Output current limitation to
GND
Source
1.25
2.6
A
td ON H
Output delay time,
highside driver on
VS = 13.5 V, corresponding
lowside driver is not active
20
40
90
μs
td OFF H
Output delay time,
highside driver off
VS = 13.5 V
80
200
300
μs
td ON L
Output delay time,
lowside driver on
VS = 13.5 V, corresponding
highside driver is not active
20
60
80
μs
td OFF L
Output delay time,
lowside driver off
VS = 13.5 V
80
150
300
μs
tD HL
Cross current protection time,
source to sink
td ON L - td OFF H,
200
400
μs
tD LH
Cross current protection time,
sink to source
td ON H - td OFF L
200
400
μs
IQLH
Switched-off output current
high-side drivers of OUT1-5
VOUT1-5 = 0V, standby mode
0
-2
-5
μA
VOUT1-5 = 0V, active mode
-40
-15
0
μA
IQLL
Switched-off output current
low-side drivers of OUT1-3
VOUT1-3 = VS, standby mode
0
50
100
μA
VOUT1-3= VS, active mode
-40
-15
0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com