Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MOD51XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99MOD51XP
Description  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 24Page - STMicroelectronics L99MOD51XP Datasheet HTML 25Page - STMicroelectronics L99MOD51XP Datasheet HTML 26Page - STMicroelectronics L99MOD51XP Datasheet HTML 27Page - STMicroelectronics L99MOD51XP Datasheet HTML 28Page - STMicroelectronics L99MOD51XP Datasheet HTML 29Page - STMicroelectronics L99MOD51XP Datasheet HTML 30Page - STMicroelectronics L99MOD51XP Datasheet HTML 31Page - STMicroelectronics L99MOD51XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Package and PCB thermal data
L99MOD51XP
28/33
DS12667 Rev 6
6
Package and PCB thermal data
6.1
PowerSSO-36 thermal data
Figure 10. PowerSSO-36 2 layer PCB
Figure 11. PowerSSO-36 4 layer PCB
Note:
Layout condition of Rth and Zth measurements (board finish thickness 1.6 mm ±10%, board
double layer and four layers, board dimension 129 mm x 60 mm, board material FR4, Cu
thickness 0.070 mm (outer layers), Cu thickness 0.035 mm (inner layers), thermal vias
separation 1.2 mm, thermal via diameter 0.3 mm ±0.08 mm, Cu thickness on vias
0.025 mm, footprint dimension 4.1 mm x 6.5 mm). 4-layer PCB: Cu on mid1 and mid2 layer:
76.45 cm2. Cu on bottom layer: 68.8 cm2. Zth measured on the major power dissipator
contributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com