Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5975 Datasheet HTML 1Page - Renesas Technology Corp 2SC5975 Datasheet HTML 2Page - Renesas Technology Corp 2SC5975 Datasheet HTML 3Page - Renesas Technology Corp 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 4 of 17
Noise Figure vs. Collector Current
0
1
2
3
4
5
1
10
100
Collector Current
IC (mA)
f = 1.8 GHz
VCE = 1 V
2 V
3 V
Power Gain vs. Collector Current
0
2
4
6
8
10
12
14
16
18
20
1
10
100
Collector Current
IC (mA)
f = 1.8 GHz
VCE = 1 V
2 V
3V
S21 Parameter vs. Collector Current
0
5
10
15
20
25
1
10
100
Collector Current
IC (mA)
Gain Bandwidth Product vs. Collector Current
0
5
10
15
20
25
1
10
100
Collector Current
IC (mA)
MSG
• MAG vs. Collector Current
0
5
10
15
20
25
30
1
10
100
Collector Current
IC (mA)
Typical Transfer Characteristics
0
5
10
15
20
25
30
35
40
45
50
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Emitter to Base Voltage VEB (V)
VCE = 2 V
VCE = 1 V
2 V
3 V
f = 2 GHz
VCE = 1 V
2 V
3 V
f = 2 GHz
f = 2 GHz
VCE = 1 V
2 V
3 V
MSG
MAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com