Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 2Page - Renesas Technology Corp 2SC5975 Datasheet HTML 3Page - Renesas Technology Corp 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 6 of 17
Scale: 10 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
Scale: 0.1 / div.
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
0.1
0.2
0.3
0.4
0.5
Condition: VCE = 2 V , Zo = 50
Ω
100 to 5100 MHz (100 MHz step)
Condition: VCE = 2 V , Zo = 50
Ω
100 to 1000 MHz (100 MHz step)
1000 to 5100 MHz (200 MHz step)
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
Condition: VCE = 2 V , Zo = 50
Ω
100 to 5100 MHz (100 MHz step)
Condition: VCE = 2 V , Zo = 50
Ω
100 to 1000 MHz (100 MHz step)
1000 to 5100 MHz (200 MHz step)
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
4
–4
3 4
.8
.2
.4
.6
1
2
5
–10
–5
–3
–2
–1.5
10
5
3
2
1.5
–1
–.8
–.6
–.4
–.2
0
.2
.4
.6
.8
1
1.5
4
–4
3 4
.8
50
40
30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com