Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp 2SC5975 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 12 of 17
S parameter
(VCE = 2 V, IC = 10 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.723
-17.9
26.12
168.0
0.0071
82.8
0.968
-8.4
200
0.717
-35.3
25.04
156.6
0.0146
76.8
0.935
-17.4
300
0.705
-51.6
23.44
146.2
0.0213
70.0
0.886
-25.2
400
0.678
-66.8
21.53
137.0
0.0267
64.7
0.824
-32.4
500
0.655
-80.4
19.59
128.9
0.0310
59.5
0.761
-38.6
600
0.630
-92.8
17.77
121.9
0.0352
55.3
0.695
-43.9
700
0.605
-103.7
16.13
116.1
0.0379
52.0
0.635
-48.4
800
0.593
-112.9
14.61
111.0
0.0404
49.5
0.579
-51.7
900
0.578
-121.4
13.32
106.6
0.0424
46.1
0.530
-54.7
1000
0.569
-128.9
12.15
102.6
0.0450
45.1
0.485
-56.8
1100
0.565
-134.6
11.15
99.3
0.0469
43.6
0.449
-58.7
1200
0.553
-141.6
10.40
96.3
0.0478
42.5
0.412
-61.0
1300
0.548
-147.1
9.67
93.6
0.0487
41.1
0.381
-62.6
1400
0.545
-152.1
9.03
91.0
0.0498
41.2
0.353
-63.9
1500
0.544
-156.5
8.45
88.7
0.0512
40.7
0.330
-64.9
1600
0.543
-160.8
7.95
86.5
0.0520
40.0
0.309
-66.1
1700
0.543
-164.7
7.51
84.3
0.0528
40.4
0.287
-67.0
1800
0.544
-168.6
7.12
82.2
0.0543
39.7
0.267
-68.2
1900
0.546
-171.8
6.74
80.3
0.0551
40.0
0.252
-68.4
2000
0.547
-174.9
6.41
78.7
0.0563
39.2
0.238
-69.7
2100
0.550
-178.2
6.10
76.7
0.0569
39.5
0.221
-69.9
2200
0.553
179.6
5.82
75.3
0.0590
39.0
0.212
-71.2
2300
0.558
176.7
5.58
73.4
0.0592
39.1
0.197
-71.8
2400
0.561
174.3
5.34
71.7
0.0605
39.4
0.185
-72.8
2500
0.565
171.9
5.14
70.1
0.0622
39.3
0.172
-74.1
2600
0.569
169.8
4.93
68.6
0.0627
39.6
0.164
-75.5
2700
0.574
167.4
4.75
67.0
0.0633
38.9
0.153
-77.2
2800
0.578
165.6
4.58
65.6
0.0648
39.3
0.145
-78.8
2900
0.583
163.5
4.42
63.8
0.0658
39.0
0.134
-79.9
3000
0.587
161.7
4.26
62.2
0.0669
39.2
0.124
-81.1
3100
0.592
160.5
4.09
61.1
0.0682
38.7
0.124
-82.3
3200
0.597
158.3
3.98
59.6
0.0692
38.9
0.112
-86.2
3300
0.601
156.8
3.85
58.1
0.0699
38.5
0.104
-88.4
3400
0.607
155.1
3.73
56.7
0.0714
38.4
0.096
-92.0
3500
0.612
153.5
3.62
55.3
0.0723
38.3
0.089
-95.9
3600
0.616
152.0
3.51
53.9
0.0733
38.4
0.082
-99.7
3700
0.621
150.5
3.41
52.5
0.0739
38.6
0.076
-105.1
3800
0.625
149.1
3.31
51.1
0.0747
37.9
0.072
-109.9
3900
0.631
147.7
3.21
49.7
0.0758
37.7
0.066
-116.8
4000
0.633
146.2
3.12
48.3
0.0766
37.8
0.064
-122.7
4100
0.637
144.9
3.03
47.0
0.0767
37.5
0.061
-131.1
4200
0.640
143.7
2.95
45.8
0.0780
37.9
0.059
-138.2
4300
0.643
142.5
2.87
44.5
0.0788
37.7
0.058
-145.2
4400
0.648
141.4
2.80
43.3
0.0801
37.8
0.061
-153.5
4500
0.653
140.2
2.73
41.9
0.0807
37.4
0.063
-161.8
4600
0.656
138.8
2.66
40.6
0.0811
37.4
0.065
-170.7
4700
0.659
137.7
2.59
39.5
0.0821
37.4
0.067
-175.6
4800
0.659
136.8
2.52
38.4
0.0833
37.4
0.071
-179.9
4900
0.664
135.9
2.47
37.1
0.0852
37.3
0.078
175.9
5000
0.671
134.8
2.41
35.8
0.0865
36.5
0.086
171.4
5100
0.676
133.7
2.35
34.4
0.0865
35.4
0.094
166.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com