Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp 2SC5975 Datasheet HTML 16Page - Renesas Technology Corp 2SC5975 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 13 of 17
S parameter
(VCE = 2 V, IC = 20 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.566
-28.1
39.50
163.4
0.0067
79.3
0.938
-12.0
200
0.560
-53.7
36.24
148.5
0.0129
71.9
0.872
-24.1
300
0.554
-75.5
32.12
135.9
0.0176
65.6
0.788
-33.8
400
0.543
-93.7
27.97
125.8
0.0213
60.1
0.701
-41.8
500
0.536
-108.4
24.30
117.6
0.0243
57.5
0.622
-48.0
600
0.528
-120.5
21.21
111.1
0.0271
54.9
0.551
-52.9
700
0.523
-130.5
18.68
106.0
0.0286
53.0
0.492
-56.9
800
0.520
-138.5
16.60
101.6
0.0308
52.5
0.439
-59.7
900
0.518
-145.6
14.90
98.0
0.0327
50.2
0.395
-62.2
1000
0.519
-151.6
13.46
94.7
0.0345
51.0
0.357
-64.0
1100
0.519
-156.4
12.28
92.0
0.0361
50.8
0.326
-65.7
1200
0.519
-161.6
11.30
89.6
0.0379
50.6
0.297
-67.5
1300
0.520
-165.8
10.45
87.3
0.0391
50.2
0.272
-68.8
1400
0.522
-169.6
9.71
85.2
0.0408
50.7
0.250
-70.0
1500
0.524
-173.0
9.06
83.3
0.0423
50.9
0.230
-70.8
1600
0.527
-176.3
8.49
81.4
0.0435
50.2
0.214
-72.0
1700
0.529
-179.3
8.00
79.6
0.0454
51.2
0.196
-73.0
1800
0.533
177.8
7.55
77.9
0.0470
50.5
0.182
-74.2
1900
0.536
175.3
7.15
76.2
0.0486
51.3
0.169
-74.7
2000
0.540
172.9
6.78
74.7
0.0502
50.6
0.157
-75.7
2100
0.544
170.6
6.45
73.1
0.0519
50.8
0.144
-76.5
2200
0.548
168.6
6.16
71.6
0.0537
50.3
0.136
-78.1
2300
0.553
166.5
5.88
70.1
0.0550
50.3
0.124
-79.1
2400
0.558
164.7
5.63
68.7
0.0565
50.2
0.115
-81.0
2500
0.562
162.8
5.41
67.2
0.0584
49.9
0.105
-83.0
2600
0.567
161.1
5.19
65.8
0.0595
50.0
0.097
-85.7
2700
0.572
159.3
4.99
64.4
0.0604
49.2
0.089
-89.0
2800
0.577
157.7
4.81
63.0
0.0628
49.6
0.083
-91.8
2900
0.582
156.1
4.63
61.6
0.0642
49.4
0.074
-95.4
3000
0.586
154.7
4.47
60.1
0.0653
49.0
0.067
-99.3
3100
0.590
153.4
4.32
59.0
0.0672
48.3
0.065
-101.9
3200
0.596
151.8
4.18
57.6
0.0687
48.3
0.058
-109.8
3300
0.601
150.6
4.04
56.3
0.0700
47.9
0.053
-117.6
3400
0.606
149.3
3.92
54.9
0.0715
48.0
0.049
-125.8
3500
0.612
147.9
3.80
53.7
0.0728
47.6
0.048
-136.2
3600
0.617
146.6
3.68
52.3
0.0741
47.0
0.046
-146.1
3700
0.621
145.3
3.57
51.0
0.0752
46.8
0.047
-157.0
3800
0.626
144.2
3.47
49.8
0.0767
46.5
0.049
-165.4
3900
0.631
142.9
3.37
48.4
0.0778
45.9
0.051
-175.2
4000
0.634
141.7
3.27
47.2
0.0794
45.7
0.055
178.3
4100
0.638
140.6
3.18
46.0
0.0801
45.5
0.060
170.9
4200
0.642
139.5
3.09
44.8
0.0810
45.5
0.065
166.7
4300
0.644
138.4
3.01
43.5
0.0826
45.1
0.069
162.1
4400
0.648
137.5
2.93
42.4
0.0842
44.8
0.077
159.3
4500
0.654
136.5
2.86
41.1
0.0846
44.4
0.085
155.8
4600
0.657
135.1
2.77
39.9
0.0852
44.1
0.091
151.3
4700
0.659
134.3
2.70
38.8
0.0867
44.2
0.096
149.0
4800
0.661
133.5
2.64
37.8
0.0879
43.9
0.100
147.5
4900
0.666
132.7
2.58
36.6
0.0902
43.1
0.109
147.2
5000
0.673
131.7
2.52
35.3
0.0914
42.0
0.119
145.3
5100
0.678
130.6
2.46
34.0
0.0913
41.4
0.128
142.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com