Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 11 of 17
S parameter
(VCE = 2 V, IC = 5 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.835
-11.7
15.31
171.6
0.0077
85.2
0.985
-5.6
200
0.838
-23.3
14.98
163.4
0.0158
80.3
0.970
-11.7
300
0.841
-34.6
14.51
155.4
0.0237
75.7
0.948
-17.3
400
0.813
-45.8
13.88
148.1
0.0309
70.7
0.915
-22.9
500
0.792
-56.4
13.17
141.2
0.0382
66.3
0.877
-28.1
600
0.764
-66.9
12.48
134.6
0.0441
61.0
0.831
-33.0
700
0.730
-76.6
11.83
128.9
0.0489
56.7
0.784
-37.6
800
0.715
-85.3
10.99
123.4
0.0534
52.8
0.736
-40.9
900
0.689
-93.8
10.31
118.7
0.0569
48.5
0.691
-44.3
1000
0.672
-101.7
9.56
114.2
0.0603
45.5
0.647
-46.7
1100
0.669
-107.6
8.86
110.2
0.0637
42.4
0.610
-48.8
1200
0.636
-115.7
8.51
106.6
0.0650
40.5
0.567
-51.8
1300
0.623
-121.9
8.01
103.2
0.0661
37.7
0.533
-53.9
1400
0.612
-127.9
7.56
100.1
0.0681
36.4
0.501
-55.5
1500
0.603
-133.2
7.13
97.3
0.0688
34.5
0.473
-56.8
1600
0.596
-138.4
6.76
94.6
0.0696
32.9
0.448
-58.3
1700
0.590
-143.3
6.43
91.9
0.0704
32.1
0.422
-59.5
1800
0.585
-148.4
6.15
89.3
0.0709
30.8
0.396
-61.0
1900
0.585
-152.4
5.82
86.9
0.0713
29.7
0.378
-61.2
2000
0.580
-156.2
5.57
85.2
0.0724
28.8
0.362
-62.8
2100
0.580
-160.8
5.33
82.5
0.0720
28.3
0.339
-63.2
2200
0.580
-163.3
5.07
81.2
0.0739
27.5
0.332
-64.6
2300
0.583
-167.2
4.88
78.6
0.0734
27.1
0.310
-65.0
2400
0.584
-170.3
4.69
76.7
0.0738
26.6
0.296
-65.9
2500
0.586
-173.7
4.54
74.7
0.0742
26.3
0.278
-67.2
2600
0.588
-176.2
4.35
73.2
0.0747
25.6
0.270
-68.0
2700
0.591
-179.5
4.21
71.1
0.0741
25.5
0.255
-69.4
2800
0.594
178.4
4.05
69.7
0.0755
25.3
0.246
-70.7
2900
0.598
175.4
3.92
67.5
0.0754
25.5
0.232
-71.0
3000
0.604
173.0
3.79
65.5
0.0754
24.8
0.218
-71.7
3100
0.608
171.9
3.59
64.5
0.0769
23.6
0.225
-72.1
3200
0.610
168.8
3.54
62.7
0.0762
24.4
0.206
-74.6
3300
0.614
166.8
3.43
61.1
0.0763
24.0
0.196
-75.8
3400
0.619
164.7
3.32
59.4
0.0769
24.0
0.186
-77.7
3500
0.624
162.6
3.22
57.8
0.0771
24.2
0.178
-79.5
3600
0.628
160.8
3.13
56.2
0.0774
23.7
0.169
-81.3
3700
0.631
158.9
3.04
54.7
0.0771
24.0
0.160
-83.4
3800
0.635
157.2
2.95
53.2
0.0777
23.7
0.153
-85.5
3900
0.640
155.4
2.87
51.6
0.0778
23.3
0.145
-88.0
4000
0.643
153.6
2.79
50.1
0.0779
23.5
0.138
-90.6
4100
0.647
152.1
2.71
48.7
0.0775
23.7
0.131
-93.4
4200
0.649
150.6
2.64
47.3
0.0776
23.8
0.125
-96.8
4300
0.652
149.1
2.57
45.9
0.0778
24.1
0.120
-99.2
4400
0.656
147.8
2.51
44.5
0.0785
24.4
0.115
-103.8
4500
0.661
146.4
2.44
43.0
0.0784
24.0
0.111
-108.3
4600
0.663
144.7
2.38
41.6
0.0783
24.0
0.105
-113.3
4700
0.665
143.4
2.32
40.3
0.0790
24.5
0.100
-117.2
4800
0.667
142.3
2.26
39.1
0.0788
25.1
0.098
-120.8
4900
0.671
141.3
2.21
37.7
0.0804
24.9
0.099
-126.6
5000
0.677
139.9
2.17
36.2
0.0813
24.7
0.098
-133.8
5100
0.682
138.6
2.11
34.8
0.0810
24.0
0.098
-140.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com