Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 8 of 17
S parameter
(VCE = 1 V, IC = 5 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.828
-13.3
15.36
170.8
0.0098
84.3
0.979
-7.0
200
0.830
-26.4
14.97
161.7
0.0201
78.4
0.960
-14.4
300
0.831
-39.1
14.41
153.0
0.0300
72.8
0.929
-21.3
400
0.801
-51.5
13.65
145.1
0.0381
66.9
0.887
-28.0
500
0.778
-63.1
12.83
137.8
0.0461
61.5
0.839
-34.0
600
0.750
-74.3
12.03
131.0
0.0524
56.2
0.784
-39.6
700
0.716
-84.5
11.27
125.2
0.0576
51.7
0.731
-44.8
800
0.703
-93.5
10.40
119.7
0.0624
47.9
0.678
-48.6
900
0.680
-102.2
9.68
114.9
0.0661
43.8
0.629
-52.5
1000
0.665
-110.1
8.94
110.4
0.0692
40.9
0.583
-55.2
1100
0.662
-115.8
8.27
106.6
0.0726
38.0
0.546
-57.7
1200
0.636
-123.9
7.88
103.1
0.0733
36.0
0.503
-61.2
1300
0.626
-130.0
7.39
99.8
0.0746
33.7
0.468
-63.6
1400
0.617
-135.7
6.95
96.7
0.0760
32.2
0.437
-65.8
1500
0.612
-140.8
6.54
94.0
0.0773
30.8
0.410
-67.5
1600
0.606
-145.8
6.19
91.3
0.0781
29.3
0.385
-69.5
1700
0.603
-150.5
5.87
88.7
0.0784
28.6
0.360
-71.2
1800
0.600
-155.3
5.60
86.2
0.0791
27.0
0.334
-73.5
1900
0.600
-159.0
5.30
83.8
0.0794
26.5
0.316
-74.1
2000
0.598
-162.6
5.06
82.0
0.0804
25.5
0.301
-76.3
2100
0.599
-166.8
4.84
79.5
0.0796
24.9
0.278
-77.5
2200
0.600
-169.2
4.60
78.1
0.0819
24.1
0.272
-79.1
2300
0.604
-172.8
4.43
75.6
0.0815
23.7
0.251
-80.5
2400
0.606
-175.7
4.25
73.7
0.0820
23.4
0.237
-82.1
2500
0.609
-178.8
4.10
71.7
0.0819
22.9
0.221
-84.5
2600
0.611
178.8
3.93
70.2
0.0830
22.7
0.213
-86.1
2700
0.615
175.8
3.80
68.2
0.0821
21.9
0.199
-88.9
2800
0.618
173.8
3.66
66.7
0.0836
22.0
0.192
-90.8
2900
0.623
171.0
3.54
64.5
0.0828
22.0
0.177
-92.7
3000
0.627
168.8
3.41
62.6
0.0834
21.4
0.165
-95.0
3100
0.631
167.8
3.25
61.5
0.0849
20.1
0.172
-94.0
3200
0.634
164.9
3.19
59.7
0.0845
21.2
0.155
-99.7
3300
0.639
163.0
3.08
58.1
0.0845
20.8
0.147
-102.7
3400
0.643
161.1
2.99
56.4
0.0854
20.5
0.140
-106.2
3500
0.648
159.1
2.90
54.9
0.0853
20.6
0.133
-109.8
3600
0.652
157.4
2.81
53.3
0.0853
20.5
0.127
-113.8
3700
0.656
155.6
2.73
51.7
0.0847
20.2
0.122
-118.2
3800
0.659
154.0
2.65
50.2
0.0854
20.2
0.118
-122.0
3900
0.664
152.4
2.58
48.7
0.0855
19.9
0.113
-127.3
4000
0.666
150.7
2.50
47.1
0.0857
20.0
0.111
-131.6
4100
0.670
149.2
2.43
45.7
0.0857
20.0
0.108
-136.9
4200
0.672
147.8
2.36
44.3
0.0857
20.2
0.108
-141.3
4300
0.675
146.4
2.30
42.9
0.0858
20.2
0.106
-145.7
4400
0.679
145.1
2.24
41.5
0.0862
20.5
0.108
-151.1
4500
0.683
143.8
2.19
40.0
0.0866
20.4
0.111
-156.5
4600
0.685
142.2
2.13
38.6
0.0857
20.2
0.112
-162.2
4700
0.688
141.0
2.07
37.3
0.0863
20.7
0.113
-166.4
4800
0.689
139.9
2.02
36.1
0.0866
21.1
0.115
-169.2
4900
0.693
138.8
1.97
34.8
0.0881
21.4
0.122
-173.3
5000
0.699
137.5
1.93
33.3
0.0892
20.7
0.128
-177.7
5100
0.704
136.3
1.88
31.9
0.0888
20.0
0.134
178.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com