Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp 2SC5975 Datasheet HTML 16Page - Renesas Technology Corp 2SC5975 Datasheet HTML 17Page - Renesas Technology Corp 2SC5975 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 16 of 17
S parameter
(VCE = 3 V, IC = 20 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.561
-25.7
39.57
164.2
0.0062
77.3
0.933
-10.4
200
0.555
-49.7
36.60
150.0
0.0114
72.4
0.878
-21.2
300
0.547
-70.6
32.78
137.9
0.0160
66.7
0.804
-30.0
400
0.534
-88.5
28.83
127.8
0.0196
62.0
0.724
-37.3
500
0.524
-103.2
25.24
119.6
0.0227
58.7
0.651
-43.0
600
0.515
-115.6
22.17
113.0
0.0251
56.3
0.582
-47.5
700
0.508
-126.0
19.59
107.7
0.0268
55.1
0.523
-51.1
800
0.504
-134.3
17.46
103.3
0.0288
54.2
0.472
-53.5
900
0.500
-141.8
15.71
99.5
0.0303
52.0
0.428
-55.6
1000
0.500
-148.0
14.21
96.2
0.0327
52.7
0.389
-57.0
1100
0.500
-153.1
12.95
93.4
0.0340
51.6
0.358
-58.4
1200
0.498
-158.6
11.95
90.9
0.0360
52.4
0.328
-59.3
1300
0.500
-163.0
11.06
88.6
0.0368
51.6
0.303
-60.3
1400
0.501
-167.1
10.28
86.4
0.0386
52.0
0.281
-60.9
1500
0.503
-170.7
9.59
84.5
0.0401
52.0
0.261
-61.2
1600
0.506
-174.1
9.00
82.6
0.0415
51.9
0.244
-61.7
1700
0.508
-177.2
8.48
80.8
0.0430
52.6
0.227
-61.9
1800
0.511
179.8
8.00
79.0
0.0450
52.2
0.212
-62.4
1900
0.515
177.1
7.58
77.4
0.0463
52.5
0.199
-62.1
2000
0.519
174.7
7.20
75.9
0.0474
52.0
0.188
-62.7
2100
0.523
172.2
6.85
74.2
0.0491
52.1
0.176
-62.4
2200
0.526
170.2
6.53
72.8
0.0511
51.8
0.167
-63.2
2300
0.532
168.0
6.25
71.3
0.0524
51.6
0.155
-63.1
2400
0.537
166.0
5.98
69.8
0.0540
51.8
0.146
-63.6
2500
0.541
164.1
5.75
68.4
0.0560
51.7
0.135
-64.3
2600
0.546
162.3
5.52
67.0
0.0571
51.1
0.127
-65.1
2700
0.551
160.4
5.31
65.6
0.0573
50.9
0.119
-66.2
2800
0.556
158.9
5.12
64.2
0.0598
51.5
0.111
-67.4
2900
0.561
157.2
4.93
62.8
0.0611
51.1
0.102
-68.1
3000
0.565
155.7
4.76
61.4
0.0631
50.5
0.094
-68.8
3100
0.570
154.5
4.59
60.2
0.0643
50.0
0.090
-70.6
3200
0.576
152.9
4.45
58.9
0.0652
49.8
0.081
-72.7
3300
0.581
151.6
4.31
57.5
0.0664
49.6
0.074
-74.7
3400
0.586
150.2
4.17
56.2
0.0680
49.4
0.065
-78.3
3500
0.592
148.8
4.05
54.9
0.0695
49.4
0.058
-81.8
3600
0.597
147.6
3.93
53.6
0.0709
48.8
0.051
-86.9
3700
0.602
146.3
3.81
52.3
0.0721
48.8
0.045
-92.9
3800
0.606
145.0
3.70
51.0
0.0730
48.3
0.040
-99.3
3900
0.612
143.8
3.59
49.7
0.0741
47.7
0.033
-110.1
4000
0.615
142.5
3.49
48.4
0.0753
47.2
0.031
-121.2
4100
0.619
141.4
3.39
47.2
0.0762
46.9
0.028
-137.0
4200
0.622
140.2
3.29
46.0
0.0780
47.2
0.029
-151.8
4300
0.625
139.2
3.21
44.8
0.0790
47.0
0.029
-162.8
4400
0.629
138.3
3.13
43.7
0.0810
46.8
0.035
-175.0
4500
0.636
137.2
3.05
42.3
0.0814
46.4
0.041
174.5
4600
0.639
135.9
2.97
41.1
0.0819
45.9
0.046
165.2
4700
0.642
135.0
2.89
40.1
0.0834
45.9
0.050
160.1
4800
0.643
134.1
2.82
39.1
0.0844
46.0
0.054
156.5
4900
0.648
133.4
2.76
37.8
0.0868
45.2
0.063
155.2
5000
0.655
132.5
2.70
36.6
0.0880
44.1
0.072
153.1
5100
0.661
131.4
2.63
35.3
0.0883
43.4
0.081
148.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com