Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp 2SC5975 Datasheet HTML 16Page - Renesas Technology Corp 2SC5975 Datasheet HTML 17Page - Renesas Technology Corp 2SC5975 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 14 of 17
S parameter
(VCE = 3 V, IC = 5 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.839
-11.0
15.26
171.9
0.0073
81.8
0.982
-5.1
200
0.843
-22.0
14.95
164.0
0.0143
79.8
0.970
-10.6
300
0.847
-32.8
14.51
156.4
0.0215
75.6
0.950
-15.7
400
0.819
-43.5
13.93
149.3
0.0284
71.6
0.922
-20.9
500
0.799
-53.7
13.29
142.6
0.0345
67.0
0.888
-25.7
600
0.771
-63.8
12.64
136.2
0.0406
62.7
0.846
-30.2
700
0.737
-73.2
12.04
130.5
0.0452
58.4
0.803
-34.6
800
0.722
-81.8
11.22
125.1
0.0497
54.5
0.758
-37.7
900
0.695
-90.1
10.55
120.3
0.0528
50.1
0.715
-40.9
1000
0.676
-97.9
9.81
115.8
0.0565
47.1
0.673
-43.2
1100
0.673
-103.8
9.11
111.8
0.0600
44.1
0.636
-45.2
1200
0.638
-112.0
8.78
108.2
0.0614
42.2
0.594
-48.0
1300
0.623
-118.3
8.28
104.7
0.0626
39.4
0.560
-49.8
1400
0.611
-124.3
7.82
101.6
0.0641
37.8
0.529
-51.3
1500
0.601
-129.7
7.39
98.7
0.0654
36.4
0.502
-52.5
1600
0.592
-135.0
7.01
96.0
0.0662
34.8
0.476
-53.8
1700
0.586
-140.0
6.67
93.4
0.0668
33.5
0.451
-54.9
1800
0.580
-145.2
6.39
90.7
0.0672
32.0
0.425
-56.2
1900
0.578
-149.3
6.05
88.2
0.0679
31.7
0.407
-56.3
2000
0.573
-153.2
5.79
86.5
0.0689
30.6
0.391
-57.8
2100
0.572
-158.0
5.55
83.9
0.0687
29.9
0.368
-57.9
2200
0.572
-160.5
5.28
82.6
0.0707
29.0
0.360
-59.2
2300
0.573
-164.5
5.09
80.0
0.0700
28.2
0.339
-59.3
2400
0.575
-167.8
4.89
78.0
0.0703
28.1
0.325
-60.1
2500
0.576
-171.2
4.73
76.0
0.0708
27.6
0.308
-60.9
2600
0.578
-173.8
4.53
74.5
0.0712
27.2
0.299
-61.9
2700
0.580
-177.3
4.39
72.4
0.0703
26.5
0.284
-62.7
2800
0.584
-179.4
4.23
71.0
0.0717
26.6
0.276
-63.8
2900
0.588
177.5
4.09
68.8
0.0714
26.7
0.260
-63.8
3000
0.592
175.0
3.96
66.8
0.0715
26.5
0.248
-64.2
3100
0.597
173.9
3.74
65.8
0.0734
24.8
0.254
-64.9
3200
0.599
170.7
3.70
64.0
0.0730
25.9
0.234
-66.5
3300
0.603
168.6
3.58
62.4
0.0727
26.1
0.224
-67.7
3400
0.607
166.4
3.47
60.7
0.0734
25.7
0.215
-68.8
3500
0.612
164.4
3.37
59.2
0.0734
25.7
0.206
-70.2
3600
0.616
162.5
3.27
57.6
0.0734
25.5
0.197
-71.5
3700
0.620
160.5
3.18
56.0
0.0733
25.4
0.187
-72.9
3800
0.624
158.8
3.09
54.5
0.0736
25.4
0.180
-74.6
3900
0.629
156.9
3.00
53.0
0.0741
25.1
0.171
-75.9
4000
0.631
155.1
2.92
51.4
0.0745
25.3
0.164
-78.1
4100
0.635
153.5
2.84
49.9
0.0740
25.4
0.155
-79.9
4200
0.638
151.9
2.76
48.6
0.0742
25.6
0.149
-82.4
4300
0.641
150.4
2.69
47.2
0.0748
26.0
0.143
-84.3
4400
0.644
149.1
2.63
45.8
0.0756
26.1
0.136
-87.5
4500
0.650
147.6
2.56
44.3
0.0753
26.1
0.130
-90.7
4600
0.653
146.0
2.49
42.9
0.0750
26.1
0.122
-94.2
4700
0.655
144.6
2.43
41.6
0.0753
26.7
0.116
-96.8
4800
0.656
143.5
2.37
40.4
0.0752
27.2
0.113
-99.7
4900
0.660
142.3
2.32
39.0
0.0770
27.2
0.110
-104.8
5000
0.667
141.0
2.28
37.5
0.0781
26.7
0.106
-110.6
5100
0.672
139.7
2.22
36.1
0.0773
26.1
0.102
-116.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com