Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5975 Datasheet HTML 1Page - Renesas Technology Corp 2SC5975 Datasheet HTML 2Page - Renesas Technology Corp 2SC5975 Datasheet HTML 3Page - Renesas Technology Corp 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 3 of 17
Main Characteristics
Typical Output Characteristics
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Collector to Emitter Voltage
VCE (V)
200
µA
Collector Power Dissipation Curve
0
50
100
150
200
0
50
100
150
200
Ambient Temperature
Ta (
°C)
Collector Output Capacitance vs.
Collector to Base Voltage
0
0.1
0.2
0.3
0.4
0.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Collector to Base Voltage VCB (V)
Emitter Input Capacitance vs.
Emitter to Base Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Emitter to Base Voltage VEB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Collector to Base Voltage VCB (V)
DC Current Transfer Ratio vs.
Collector Current
0
20
40
60
80
100
120
140
160
180
200
1
10
100
Collector Current
IC (mA)
VCE = 1 V
2 V
3 V
IB = 20
µA
40
µA
60
µA
80
µA
100
µA
120
µA
140
µA
160
µA
180
µA
IE = 0
f = 1 MHz
IC = 0
f = 1 MHz
Value on PCB
(FR-4 : 40 x 40 x 1.6 mm
Double side)
Emitter grounding
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com