Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 10 of 17
S parameter
(VCE = 1 V, IC = 20 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.561
-61.2
36.78
143.8
0.0137
64.0
0.863
-32.6
200
0.557
-66.3
34.53
143.9
0.0167
66.8
0.815
-32.5
300
0.562
-89.9
29.67
130.6
0.0222
59.4
0.711
-44.6
400
0.561
-108.3
25.17
120.5
0.0261
54.8
0.611
-54.4
500
0.561
-122.2
21.47
112.7
0.0291
51.2
0.530
-62.0
600
0.560
-133.2
18.51
106.6
0.0314
49.2
0.460
-68.4
700
0.559
-142.1
16.15
101.8
0.0332
47.9
0.404
-73.7
800
0.561
-149.0
14.30
97.8
0.0352
47.7
0.357
-78.0
900
0.561
-155.3
12.78
94.4
0.0368
46.4
0.318
-82.3
1000
0.563
-160.4
11.53
91.3
0.0389
46.8
0.284
-85.9
1100
0.564
-164.5
10.53
88.8
0.0406
46.7
0.259
-88.9
1200
0.567
-169.0
9.64
86.5
0.0424
46.8
0.233
-93.3
1300
0.569
-172.6
8.90
84.3
0.0437
46.3
0.212
-97.1
1400
0.571
-176.0
8.26
82.2
0.0458
47.5
0.195
-100.6
1500
0.574
-178.9
7.71
80.4
0.0472
47.6
0.179
-104.1
1600
0.577
178.2
7.22
78.5
0.0491
47.0
0.166
-108.0
1700
0.581
175.6
6.78
76.7
0.0507
48.1
0.153
-112.5
1800
0.585
173.0
6.39
75.0
0.0525
47.5
0.142
-117.1
1900
0.589
170.8
6.06
73.3
0.0543
48.0
0.133
-120.9
2000
0.591
168.6
5.75
71.8
0.056
47.5
0.126
-125.4
2100
0.596
166.5
5.45
70.2
0.0577
47.4
0.118
-130.9
2200
0.598
164.7
5.22
68.8
0.0597
47.3
0.114
-134.8
2300
0.605
162.8
4.98
67.2
0.0608
47.3
0.110
-140.9
2400
0.609
161.1
4.76
65.7
0.0629
47.5
0.106
-146.4
2500
0.614
159.4
4.56
64.2
0.0656
47.0
0.105
-152.8
2600
0.618
157.8
4.38
62.8
0.0662
46.6
0.105
-157.7
2700
0.623
156.1
4.20
61.4
0.0673
46.0
0.107
-163.5
2800
0.627
154.7
4.06
60.0
0.0697
46.7
0.108
-167.6
2900
0.633
153.1
3.90
58.5
0.0714
46.0
0.110
-173.2
3000
0.636
151.8
3.76
57.1
0.0728
45.6
0.112
-177.9
3100
0.639
150.7
3.65
55.9
0.0745
45.4
0.112
-179.6
3200
0.645
149.1
3.51
54.5
0.0759
45.3
0.119
174.6
3300
0.649
148.0
3.39
53.2
0.0775
45.0
0.123
171.0
3400
0.655
146.6
3.29
51.8
0.079
44.0
0.128
167.4
3500
0.660
145.4
3.18
50.5
0.0805
44.1
0.134
163.9
3600
0.663
144.1
3.09
49.1
0.0817
43.8
0.139
161.2
3700
0.668
143.0
2.99
47.8
0.083
43.2
0.145
158.1
3800
0.672
141.9
2.90
46.6
0.0848
43.0
0.151
155.9
3900
0.677
140.6
2.82
45.3
0.0855
42.5
0.157
153.3
4000
0.679
139.4
2.73
43.9
0.0871
42.0
0.162
151.3
4100
0.683
138.3
2.66
42.7
0.0876
42.1
0.168
149.2
4200
0.685
137.3
2.58
41.5
0.0889
42.0
0.174
147.7
4300
0.688
136.3
2.51
40.3
0.0906
41.5
0.179
145.8
4400
0.692
135.4
2.44
39.1
0.0919
41.1
0.187
144.7
4500
0.696
134.3
2.38
37.8
0.0931
40.6
0.195
143.2
4600
0.700
133.1
2.31
36.6
0.0939
40.4
0.203
141.2
4700
0.702
132.3
2.25
35.5
0.0954
40.4
0.206
139.9
4800
0.703
131.4
2.19
34.5
0.0969
39.8
0.212
138.8
4900
0.707
130.6
2.14
33.3
0.0987
39.4
0.219
138.3
5000
0.713
129.7
2.09
32.0
0.1003
38.3
0.228
137.4
5100
0.717
128.6
2.04
30.7
0.1001
37.6
0.237
135.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com