Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5975 Datasheet HTML 1Page - Renesas Technology Corp 2SC5975 Datasheet HTML 2Page - Renesas Technology Corp 2SC5975 Datasheet HTML 3Page - Renesas Technology Corp 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 2 of 17
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector cutoff current
ICBO
——
1
µAVCB = 12 V, IE = 0
Collector cutoff current
ICEO
——
1
µAVCE = 4 V, RBE = ∞
Emitter cutoff current
IEEO
——
10
µAVEB = 1.5 V, IC = 0
DC current transfer ratio
hFE
70
110
150
—
VCE = 2 V, IC = 20 mA
Collector output capacitance
Cob
—0.3
0.6
pF
VCB = 2 V, IE = 0, f = 1 MHz
Gain bandwidth product
fT
17
20
—
GHz
VCE = 2 V, IC = 30 mA, f = 2 GHz
Power gain
PG
13
17.5
—
dB
VCE = 2 V, IC = 30 mA, f = 1.8 GHz
Noise figure
NF
—
1.15
1.7
dB
VCE = 2 V, IC = 5 mA, f = 1.8 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com