Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5975 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5975 Datasheet HTML 1Page - Renesas Technology Corp 2SC5975 Datasheet HTML 2Page - Renesas Technology Corp 2SC5975 Datasheet HTML 3Page - Renesas Technology Corp 2SC5975 Datasheet HTML 4Page - Renesas Technology Corp 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.1.00, Jul.06.2004, page 1 of 17
2SC5975
Silicon NPN Epitaxial
High Frequency Low Noise Amplifier / Oscillator
REJ03G0381-0100Z
Rev.1.00
Jul.06.2004
Features
• High gain bandwidth product
fT = 20 GHz typ.
• High power gain and low noise figure;
PG = 17.5 dB typ. , NF = 1.15 dB typ. at f = 1.8 GHz
Outline
MFPAK-4
1
4
3
2
1. Emitter
2. Collector
3. Emitter
4. Base
WU-
1
2
3
4
Note:
Marking is “WU-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
12
V
Collector to emitter voltage
VCEO
4V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
35
mA
Collector power dissipation
Pc
*1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value on PCB ( FR-4 : 40 x 40 x 1.6mm Double side )


Similar Part No. - 2SC5975

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5974 ISAHAYA-2SC5974 Datasheet
89Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
logo
Toshiba Semiconductor
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
2SC5976 TOSHIBA-2SC5976 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5975

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 HITACHI-2SC5624 Datasheet
105Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5894 RENESAS-2SC5894 Datasheet
129Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5594 RENESAS-2SC5594 Datasheet
89Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 RENESAS-2SC5624 Datasheet
198Kb / 7P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5623 RENESAS-2SC5623 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com