Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 137 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 137 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 133Page - Texas Instruments XIO2000 Datasheet HTML 134Page - Texas Instruments XIO2000 Datasheet HTML 135Page - Texas Instruments XIO2000 Datasheet HTML 136Page - Texas Instruments XIO2000 Datasheet HTML 137Page - Texas Instruments XIO2000 Datasheet HTML 138Page - Texas Instruments XIO2000 Datasheet HTML 139Page - Texas Instruments XIO2000 Datasheet HTML 140Page - Texas Instruments XIO2000 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 150 page
background image
Electrical Characteristics
125
November 2005
SCPS097B
7.3
PCI Express Differential Transmitter Output Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNITS
COMMENTS
UI
Unit interval
TXP, TXN
399.88
400
400.12
ps
Each UI is 400 ps
±300 ppm. UI does not account for
SSC dictated variations.
See Note 4.
VTX-DIFFp-p
Differential
peak-to-peak output
voltage
TXP, TXN
0.8
1.2
V
VTX-DIFFp-p = 2*|VTXP − VTXN|
See Note 5.
VTX-DE-RATIO
De-emphasized
differential output
voltage (ratio)
TXP, TXN
−3.0
−3.5
−4.0
dB
This is the ratio of the VTX-DIFFp-p of the second and
following bits after a transition divided by the VTX-DIFFp-p
of the first bit after a transition.
See Note 5.
TTX-EYE
Minimum TX eye width
TXP, TXN
0.75
UI
The maximum transmitter jitter can be derived as
TTXMAX- JITTER = 1 − TTX-EYE = 0.3 UI
See Notes 5 and 6.
TTX-EYE-MEDIAN-to-MAX
-JITTER
Maximum time between
the jitter median and
maximum deviation
from the median
TXP, TXN
0.15
UI
Jitter is defined as the measurement variation of the
crossing points (VTX-DIFFp-p = 0 V) in relation to
recovered TX UI. A recovered TX UI is calculated over
3500 consecutive UIs of sample data. Jitter is measured
using all edges of the 250 consecutive UIs in the center
of the 3500 UIs used for calculating the TX UI.
See Notes 5 and 6.
TTX-RISE,
TTX-FALL
P/N TX output rise/fall
time
TXP, TXN
0.125
UI
See Notes 5 and 8.
VTX-CM-ACp
RMS ac peak common
mode output voltage
TXP, TXN
20
mV
VTX-CM-ACp = RMS(|VTXP + VTXN|/2 – VTX-CM-DC)
VTX-CM-DC = DC(avg) of |VTXP + VTXN|/2
See Note 5.
VTX-CM-DC-ACTIVE-IDLE-
DELTA
Absolute delta of dc
common mode voltage
during L0 and electrical
idle
TXP, TXN
0
100
mV
|VTX-CM-DC – VTX-CM-Idle-DC|  100 mV
VTX-CM-DC = DC(avg) of |VTXP + VTXN|/2 [during L0]
VTX-CM-Idle-DC = DC(avg) of |VTXP + VTXN|/2 [during
electrical idle]
See Note 5.
VTX-CM-DC-LINE-DELTA
Absolute delta of dc
common mode voltage
between P and N
TXP, TXN
0
25
mV
|VTXP-CM-DC – VTXN-CM-DC|  25 mV when
VTXP-CM-DC = DC(avg) of |VTXP|
VTXN-CM-DC = DC(avg) of |VTXN|
See Note 5.
VTX-IDLE-DIFFp
Electrical idle
differential peak output
voltage
TXP, TXN
0
20
mV
VTX-IDLE-DIFFp = |VTXP-Idle − VTXN-Idle|  20 mV
See Note 5.
VTX-RCV-DETECT
The amount of voltage
change allowed during
receiver detection
TXP, TXN
600
mV
The total amount of voltage change that a transmitter
can apply to sense whether a low impedance receiver is
present.
VTX-DC-CM
The TX dc common
mode voltage
TXP, TXN
0
3.6
V
The allowed dc common mode voltage under any
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com