Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 138 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 138 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 134Page - Texas Instruments XIO2000 Datasheet HTML 135Page - Texas Instruments XIO2000 Datasheet HTML 136Page - Texas Instruments XIO2000 Datasheet HTML 137Page - Texas Instruments XIO2000 Datasheet HTML 138Page - Texas Instruments XIO2000 Datasheet HTML 139Page - Texas Instruments XIO2000 Datasheet HTML 140Page - Texas Instruments XIO2000 Datasheet HTML 141Page - Texas Instruments XIO2000 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 150 page
background image
Electrical Characteristics
126
November 2005
SCPS097B
PCI Express Differential Transmitter Output Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNITS
COMMENTS
ITX-SHORT
TX short circuit current
limit
TXP, TXN
90
mA
The total current the transmitter can provide when
shorted to its ground.
TTX-IDLE-MIN
Minimum time spent in
electrical idle
TXP, TXN
50
UI
Minimum time a transmitter must be in electrical idle.
Utilized by the receiver to start looking for an electrical
idle exit after successfully receiving an electrical idle
ordered set.
TTX-IDLE-SET-to-IDLE
Maximum time to
transition to a valid
electrical idle after
sending an electrical
idle ordered set
TXP, TXN
20
UI
After sending an electrical idle ordered set, the
transmitter must meet all electrical idle specifications
within this time. This is considered a debounce time for
the transmitter to meet electrical idle after transitioning
from L0.
TTX-IDLE-to-DIFF-DATA
Maximum time to
transition to valid TX
specifications after
leaving an electrical idle
condition
TXP, TXN
20
UI
Maximum time to meet all TX specifications when
transitioning from electrical idle to sending differential
data. This is considered a debounce time for the TX to
meet all TX specifications after leaving electrical idle.
RLTX-DIFF
Differential return loss
TXP, TXN
10
dB
Measured over 50 MHz to 1.25 GHz. See Note 7.
RLTX-CM
Common mode return
loss
TXP, TXN
6
dB
Measured over 50 MHz to 1.25 GHz. See Note 7.
ZTX-DIFF-DC
DC differential TX
impedance
TXP, TXN
80
100
120
TX dc differential mode low impedance
ZTX-DC
Transmitter dc
impedance
TXP, TXN
40
Required TXP as well as TXN dc impedance during all
states
CTX
AC coupling capacitor
TXP, TXN
75
200
nF
All transmitters are ac-coupled and are required on the
PWB.
NOTES:
4. No test load is necessarily associated with this value.
5. Specified at the measurement point into a timing and voltage compliance test load and measured over any 250 consecutive TX UIs.
6. A TTX-EYE = 0.75 UI provides for a total sum of deterministic and random jitter budget of TTX-JITTER-MAX = 0.25 UI for the transmitter
collected over any 250 consecutive TX UIs. The TTX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter distribution in which the
median and the maximum deviation from the median is less than half of the total TX jitter budget collected over any 250 consecutive
TX UIs. It must be noted that the median is not the same as the mean. The jitter median describes the point in time where the number
of jitter points on either side is approximately equal as opposed to the averaged time value.
7. The transmitter input impedance results in a differential return loss greater than or equal to 12 dB and a common mode return loss
greater than or equal to 6 dB over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement applies to all valid
input levels. The reference impedance for return loss measurements is 50
Ω to ground for both the P and N line. Note that the series
capacitors CTX is optional for the return loss measurement.
8. Measured between 20% and 80% at transmitter package terminals into a test load for both VTXP and VTXN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com