Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 142 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 142 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 138Page - Texas Instruments XIO2000 Datasheet HTML 139Page - Texas Instruments XIO2000 Datasheet HTML 140Page - Texas Instruments XIO2000 Datasheet HTML 141Page - Texas Instruments XIO2000 Datasheet HTML 142Page - Texas Instruments XIO2000 Datasheet HTML 143Page - Texas Instruments XIO2000 Datasheet HTML 144Page - Texas Instruments XIO2000 Datasheet HTML 145Page - Texas Instruments XIO2000 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 150 page
background image
Electrical Characteristics
130
November 2005
SCPS097B
7.6
Electrical Characteristics Over Recommended Operating Conditions (PCI Bus)
PARAMETER
OPERATION
TEST
CONDITIONS
MIN
MAX
UNITS
VIH
High-level input voltage (Note 16)
VCCP = 3.3 V
0.5 VDD_33
VCCP
V
VIH
High-level input voltage (Note 16)
VCCP = 5.0 V
0.5 VDD_33
VCCP
V
VIL
Low-level input voltage (Note 16)
VCCP = 3.3 V
0
0.3 VDD_33
V
VIL
Low-level input voltage (Note 16)
VCCP = 5.0 V
0
0.3 VDD_33
V
VI
Input voltage
0
VCCP
V
VO
Output voltage (Note 17)
0
VDD_33
V
tt
Input transition time (trise and tfall)
1
4
ns
VOH
High-level output voltage (Note 17)
VDD_33
IOH = −32 mA
0.7 VDD_33
V
VOL
Low-level output voltage (Note 17)
VDD_33
IOL = 32 mA
0.18 VDD_33
V
IOZ
High-impedance, output current (Note 17)
VCCP = 3.3 V
VI = 0 to VCCP
±10
A
IOZ
High-impedance, output current (Note 17)
VCCP = 5.0 V
VI = 0 to VCCP
±70
µA
II
Input current (Note 16)
VCCP = 3.3 V
VI = 0 to VCCP
±10
A
II
Input current (Note 16)
VCCP = 5.0 V
VI = 0 to VCCP
±70
µA
NOTES: 16. Applies to external inputs and bidirectional buffers.
17. Applies to external outputs and bidirectional buffers.
Note: This table applies to CLK, CLKOUT6:0, AD31:0, C/BE[3:0], DEVSEL, FRAME, GNT5:0, INTD:A,
IRDY, PAR, PERR, REQ5:0, PRST, SERR, STOP, TRDY, SERIRQ, M66EN, and LOCK terminals.
7.7
Electrical Characteristics Over Recommended Operating Conditions (3.3-V I/O)
PARAMETER
OPERATION
TEST
CONDITIONS
MIN
MAX
UNITS
VIH
High-level input voltage (Note 18)
VDD_33
0.7VDD_33
VDD_33
V
VIL
Low-level input voltage (Note 18)
VDD_33
0
0.3 VDD_33
V
VI
Input voltage
0
VDD_33
V
VO
Output voltage (Note 19)
0
VDD_33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis (Note 21)
0.13VDD_33
V
VOH
High-level output voltage
VDD_33
IOH = −4 mA
0.8VDD_33
V
VOL
Low-level output voltage
VDD_33
IOL = 4 mA
0.22VDD_33
V
IOZ
High-impedance, output current (Note 19)
VDD_33
VI = 0 to VDD_33
±20
µA
IOZP
High-impedance, output current with internal pullup or
pulldown (Note 22)
VDD_33
VI = 0 to VDD_33
±100
µA
II
Input current (Note 20)
VDD_33
VI = 0 to VDD_33
±1
µA
NOTES: 18. Applies to external inputs and bidirectional buffers.
19. Applies to external outputs and bidirectional buffers.
20. Applies to external input buffers.
21. Applies to PERST, GRST, and PME.
22. Applies to GRST (pullup), EXT_ARB_EN (pulldown), CLKRUN_EN (pulldown), and most GPIO (pullup).
Note: This table applies to PERST, WAKE, REFCLK_SEL, PME, CLKRUN_EN, EXT_ARB_EN, GRST,
GPIO7:0, and all RSVD input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com