Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 48Page - STMicroelectronics LSM6DSO32 Datasheet HTML 49Page - STMicroelectronics LSM6DSO32 Datasheet HTML 50Page - STMicroelectronics LSM6DSO32 Datasheet HTML 51Page - STMicroelectronics LSM6DSO32 Datasheet HTML 52Page - STMicroelectronics LSM6DSO32 Datasheet HTML 53Page - STMicroelectronics LSM6DSO32 Datasheet HTML 54Page - STMicroelectronics LSM6DSO32 Datasheet HTML 55Page - STMicroelectronics LSM6DSO32 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
Functionality
LSM6DSO32
52/153
DocID032891 Rev 1
6.5.7
FIFO reading procedure
The data stored in FIFO are accessible from dedicated registers and each FIFO word is
composed of 7 bytes: one tag byte (FIFO_DATA_OUT_TAG (78h), in order to identify the
sensor, and 6 bytes of fixed data (FIFO_DATA_OUT registers from (79h) to (7Eh)).
The DIFF_FIFO_[9:0] field in the FIFO_STATUS1 (3Ah) and FIFO_STATUS2 (3Bh)
registers contains the number of words (1 byte TAG + 6 bytes DATA) collected in FIFO.
In addition, it is possible to configure a counter of the batch events of accelerometer or
gyroscope sensors. The flag COUNTER_BDR_IA in FIFO_STATUS2 (3Bh) alerts that the
counter reaches a selectable threshold (CNT_BDR_TH_[10:0] field in
COUNTER_BDR_REG1 (0Bh) and COUNTER_BDR_REG2 (0Ch)). This allows triggering
the reading of FIFO with the desired latency of one single sensor. The sensor is selectable
using the TRIG_COUNTER_BDR bit in COUNTER_BDR_REG1 (0Bh). As for the other
FIFO status events, the flag COUNTER_BDR_IA can be routed on the INT1 or INT2 pins by
asserting the corresponding bits (INT1_CNT_BDR of INT1_CTRL (0Dh) and
INT2_CNT_BDR of INT2_CTRL (0Eh)).
In order to maximize the amount of accelerometer and gyroscope data in FIFO, the user can
enable the compression algorithm by setting to 1 both the FIFO_COMPR_EN bit in
EMB_FUNC_EN_B (05h) (embedded functions registers bank) and the
FIFO_COMPR_RT_EN bit in FIFO_CTRL2 (08h). When compression is enabled, it is also
possible to force writing non-compressed data at a selectable rate using the
UNCOPTR_RATE_[1:0] field in FIFO_CTRL2 (08h).
Meta information about accelerometer and gyroscope sensor configuration changes can be
managed by enabling the ODR_CHG_EN bit in FIFO_CTRL2 (08h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com