Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 16Page - STMicroelectronics LSM6DSO32 Datasheet HTML 17Page - STMicroelectronics LSM6DSO32 Datasheet HTML 18Page - STMicroelectronics LSM6DSO32 Datasheet HTML 19Page - STMicroelectronics LSM6DSO32 Datasheet HTML 20Page - STMicroelectronics LSM6DSO32 Datasheet HTML 21Page - STMicroelectronics LSM6DSO32 Datasheet HTML 22Page - STMicroelectronics LSM6DSO32 Datasheet HTML 23Page - STMicroelectronics LSM6DSO32 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 153 page
background image
Embedded low-power features
LSM6DSO32
20/153
DocID032891 Rev 1
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware
using only the accelerometer to achieve targets of both ultra-low power consumption and
robustness during the short duration of dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can
be used with different scenarios, for example:
a)
Triggers when phone is in a front pants pocket and the user goes from sitting to
standing or standing to sitting;
b)
Doesn’t trigger when phone is in a front pants pocket and the user is walking,
running or going upstairs.
2.2
Significant Motion Detection
The Significant Motion Detection (SMD) function generates an interrupt when a ‘significant
motion’, that could be due to a change in user location, is detected. In the LSM6DSO32
device this function has been implemented in hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a
notification indicating when the user is changing location.
2.3
Finite State Machine
The LSM6DSO32 can be configured to generate interrupt signals activated by user-defined
motion patterns. To do this, up to 16 embedded finite state machines can be programmed
independently for motion detection such as glance gestures, absolute wrist tilt, shake and
double-shake detection.
Definition of Finite State Machine
A state machine is a mathematical abstraction used to design logic connections. It is a
behavioral model composed of a finite number of states and transitions between states,
similar to a flow chart in which one can inspect the way logic runs when certain conditions
are met. The state machine begins with a start state, goes to different states through
transitions dependent on the inputs, and can finally end in a specific state (called stop state).
The current state is determined by the past states of the system. Figure 1: Generic state
machine shows a generic state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com