Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 80 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 76Page - STMicroelectronics LSM6DSO32 Datasheet HTML 77Page - STMicroelectronics LSM6DSO32 Datasheet HTML 78Page - STMicroelectronics LSM6DSO32 Datasheet HTML 79Page - STMicroelectronics LSM6DSO32 Datasheet HTML 80Page - STMicroelectronics LSM6DSO32 Datasheet HTML 81Page - STMicroelectronics LSM6DSO32 Datasheet HTML 82Page - STMicroelectronics LSM6DSO32 Datasheet HTML 83Page - STMicroelectronics LSM6DSO32 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 153 page
background image
Register description
LSM6DSO32
80/153
DocID032891 Rev 1
9.29
OUTY_L_G (24h) and OUTY_H_G (25h)
Angular rate sensor roll axis (Y) angular rate output register (r). The value is expressed as a
16-bit word in two’s complement.
9.30
OUTZ_L_G (26h) and OUTZ_H_G (27h)
Angular rate sensor yaw axis (Z) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
9.31
OUTX_L_A (28h) and OUTX_H_A (29h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Table 86. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 87. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 88. OUTY_H_G register description
D[15:0]
Roll axis (Y) angular rate value
Table 89. OUTZ_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 90. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 91. OUTZ_H_G register description
D[15:0]
Yaw axis (Z) angular rate value
Table 92. OUTX_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 93. OUTX_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 94. OUTX_H_A register description
D[15:0]
X-axis linear acceleration value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com