Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 62Page - STMicroelectronics LSM6DSO32 Datasheet HTML 63Page - STMicroelectronics LSM6DSO32 Datasheet HTML 64Page - STMicroelectronics LSM6DSO32 Datasheet HTML 65Page - STMicroelectronics LSM6DSO32 Datasheet HTML 66Page - STMicroelectronics LSM6DSO32 Datasheet HTML 67Page - STMicroelectronics LSM6DSO32 Datasheet HTML 68Page - STMicroelectronics LSM6DSO32 Datasheet HTML 69Page - STMicroelectronics LSM6DSO32 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 153 page
background image
Register description
LSM6DSO32
66/153
DocID032891 Rev 1
9.10
INT2_CTRL (0Eh)
INT2 pin control register (r/w)
Each bit in this register enables a signal to be carried over INT2 when the MIPI I3CSM
dynamic address in not assigned (I²C or SPI is used). Some bits can be also used to trigger
an IBI when the MIPI I3CSM interface is used. The output of the pin will be the OR
combination of the signals selected here and in MD2_CFG (5Fh).
Table 40. INT2_CTRL register description
9.11
WHO_AM_I (0Fh)
WHO_AM_I register (r). This is a read-only register. Its value is fixed at 6Ch.
Table 39. INT2_CTRL register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT2_CNT
_BDR
INT2_
FIFO_
FULL
INT2_
FIFO_
OVR
INT2_
FIFO_TH
INT2_DRDY
_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
INT2_CNT_BDR
Enables COUNTER_BDR_IA interrupt on INT2
INT2_FIFO_FULL
Enables FIFO full flag interrupt on INT2 pin
INT2_FIFO_OVR
Enables FIFO overrun interrupt on INT2 pin
INT_FIFO_TH
Enables FIFO threshold interrupt on INT2 pin
INT2_DRDY_TEMP
Enables temperature sensor data-ready interrupt on INT2 pin. It
can be also used to trigger an IBI when the MIPI I3CSM interface is used and
INT2_ON_INT1 = ‘1’ in CTRL4_C (13h).
INT2_DRDY_G
Gyroscope data-ready interrupt on INT2 pin
INT2_DRDY_XL
Accelerometer data-ready interrupt on INT2 pin
Table 41. WhoAmI register
01101100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com