Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 72 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 68Page - STMicroelectronics LSM6DSO32 Datasheet HTML 69Page - STMicroelectronics LSM6DSO32 Datasheet HTML 70Page - STMicroelectronics LSM6DSO32 Datasheet HTML 71Page - STMicroelectronics LSM6DSO32 Datasheet HTML 72Page - STMicroelectronics LSM6DSO32 Datasheet HTML 73Page - STMicroelectronics LSM6DSO32 Datasheet HTML 74Page - STMicroelectronics LSM6DSO32 Datasheet HTML 75Page - STMicroelectronics LSM6DSO32 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 153 page
background image
Register description
LSM6DSO32
72/153
DocID032891 Rev 1
9.17
CTRL6_C (15h)
Control register 6 (r/w)
Table 57. CTRL6_C register
TRIG_EN
LVL1_EN
LVL2_EN
XL_HM_MODE
USR_
OFF_W
FTYPE_2 FTYPE_1 FTYPE_0
Table 58. CTRL6_C register description
TRIG_EN
DEN data edge-sensitive trigger enable. Refer to Table 59.
LVL1_EN
DEN data level-sensitive trigger enable. Refer to Table 59.
LVL2_EN
DEN level-sensitive latched enable. Refer toTable 59.
XL_HM_MODE
High-performance operating mode disable for accelerometer. Default value: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
USR_OFF_W
Weight of XL user offset bits of registers X_OFS_USR (73h), Y_OFS_USR (74h),
Z_OFS_USR (75h)
0 = 2-10 g/LSB
1 = 2-6 g/LSB
FTYPE[2:0]
Gyroscope's low-pass filter (LPF1) bandwidth selection
Table 60 shows the selectable bandwidth values.
Table 59. Trigger mode selection
TRIG_EN, LVL1_EN, LVL2_EN
Trigger mode
100
Edge-sensitive trigger mode is selected
010
Level-sensitive trigger mode is selected
011
Level-sensitive latched mode is selected
110
Level-sensitive FIFO enable mode is selected
Table 60. Gyroscope LPF1 bandwidth selection
FTYPE
[2:0]
12.5 Hz
26 Hz
52 Hz
104 Hz
208 Hz
416 Hz
833 Hz 1.67 kHz 3.33 kHz 6.67 kHz
000
4.2
8.3
16.6
33.0
67.0
136.6
239.2
304.2
328.5
335.5
001
4.2
8.3
16.6
33.0
67.0
130.5
192.4
220.7
229.6
232.0
010
4.2
8.3
16.6
33.0
67.0
120.3
154.2
166.6
170.1
171.1
011
4.2
8.3
16.6
33.0
67.0
137.1
281.8
453.2
559.2
609.0
100
4.2
8.3
16.7
33.0
62.4
86.7
96.6
99.6
100.4
100.6
101
4.2
8.3
16.8
31.0
43.2
48.0
49.4
49.8
49.9
49.9
110
4.1
7.8
13.4
19.0
23.1
24.6
25.0
25.1
25.1
25.1
111
3.9
6.7
9.7
11.5
12.2
12.4
12.5
12.5
12.5
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com