Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 100 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 96Page - STMicroelectronics LSM6DSO32 Datasheet HTML 97Page - STMicroelectronics LSM6DSO32 Datasheet HTML 98Page - STMicroelectronics LSM6DSO32 Datasheet HTML 99Page - STMicroelectronics LSM6DSO32 Datasheet HTML 100Page - STMicroelectronics LSM6DSO32 Datasheet HTML 101Page - STMicroelectronics LSM6DSO32 Datasheet HTML 102Page - STMicroelectronics LSM6DSO32 Datasheet HTML 103Page - STMicroelectronics LSM6DSO32 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 153 page
background image
Embedded functions register description
LSM6DSO32
100/153
DocID032891 Rev 1
11.3
EMB_FUNC_EN_B (05h)
Embedded functions enable register (r/w)
Table 163. EMB_FUNC_EN_B register description
11.4
PAGE_ADDRESS (08h)
Page address register (r/w)
Table 165. PAGE_ADDRESS register description
11.5
PAGE_VALUE (09h)
Page value register (r/w)
Table 167. PAGE_VALUE register description
Table 162. EMB_FUNC_EN_B register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
PEDO_
ADV_EN
FIFO_CO
MPR_EN
0(1)
0(1)
FSM_EN
PEDO_ADV_EN
Enable pedometer false-positive rejection block and advanced detection
feature block. Default value: 0
(0: Pedometer advanced features block disabled;
1: Pedometer advanced features block enabled)
FIFO_COMPR_EN(1)
1. This bit is effective if the FIFO_COMPR_RT_EN bit of FIFO_CTRL2 (08h) is set to 1.
Enable FIFO compression feature. Default value: 0
(0: FIFO compression feature disabled;
1: FIFO compression feature enabled)
FSM_EN
Enable Finite State Machine (FSM) feature. Default value: 0
(0: FSM feature disabled; 1: FSM feature enabled)
Table 164. PAGE_ADDRESS register
PAGE_
ADDR7
PAGE_
ADDR6
PAGE_
ADDR5
PAGE_
ADDR4
PAGE_
ADDR3
PAGE_
ADDR2
PAGE_
ADDR1
PAGE_
ADDR0
PAGE_ADDR[7:0]
After setting the bit PAGE_WRITE / PAGE_READ in register PAGE_RW (17h),
this register is used to set the address of the register to be written/read in the
advanced features page selected through the bits PAGE_SEL[3:0] in register
PAGE_SEL (02h).
Table 166. PAGE_VALUE register
PAGE_
VALUE7
PAGE_
VALUE6
PAGE_
VALUE5
PAGE_
VALUE4
PAGE_
VALUE3
PAGE_
VALUE2
PAGE_
VALUE1
PAGE_
VALUE0
PAGE_VALUE[7:0]
These bits are used to write (if the bit PAGE_WRITE = 1 in register PAGE_RW
(17h)) or read (if the bit PAGE_READ = 1 in register PAGE_RW (17h)) the data
at the address PAGE_ADDR[7:0] of the selected advanced features page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com