Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 60Page - STMicroelectronics LSM6DSO32 Datasheet HTML 61Page - STMicroelectronics LSM6DSO32 Datasheet HTML 62Page - STMicroelectronics LSM6DSO32 Datasheet HTML 63Page - STMicroelectronics LSM6DSO32 Datasheet HTML 64Page - STMicroelectronics LSM6DSO32 Datasheet HTML 65Page - STMicroelectronics LSM6DSO32 Datasheet HTML 66Page - STMicroelectronics LSM6DSO32 Datasheet HTML 67Page - STMicroelectronics LSM6DSO32 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
Register description
LSM6DSO32
64/153
DocID032891 Rev 1
9.7
COUNTER_BDR_REG1 (0Bh)
Counter batch data rate register 1 (r/w)
Table 34. COUNTER_BDR_REG1 register description
9.8
COUNTER_BDR_REG2 (0Ch)
Counter batch data rate register 2 (r/w)
Table 36. COUNTER_BDR_REG2 register description
Table 33. COUNTER_BDR_REG1 register
dataready
_pulsed
RST_
COUNTER
_BDR
TRIG_
COUNTER
_BDR
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
CNT_BDR
_TH_10
CNT_BDR
_TH_9
CNT_BDR
_TH_8
dataready_pulsed
Enables pulsed data-ready mode
(0: Data-ready latched mode (returns to 0 only after an interface reading)
(default);
1: Data-ready pulsed mode (the data ready pulses are 75 μs long)
RST_
COUNTER_BDR
Resets the internal counter of batching events for a single sensor.
This bit is automatically reset to zero if it was set to ‘1’.
TRIG_
COUNTER_BDR
Selects the trigger for the internal counter of batching events between XL and
gyro.
(0: XL batching event;
1: GYRO batching event)
CNT_BDR_TH_
[10:8]
In conjunction with CNT_BDR_TH_[7:0] in COUNTER_BDR_REG2 (0Ch),
sets the threshold for the internal counter of batching events. When this
counter reaches the threshold, the counter is reset and the
COUNTER_BDR_IA flag in FIFO_STATUS2 (3Bh) is set to ‘1’.
Table 35. COUNTER_BDR_REG2 register
CNT_BDR
_TH_7
CNT_BDR
_TH_6
CNT_BDR
_TH_5
CNT_BDR
_TH_4
CNT_BDR
_TH_3
CNT_BDR
_TH_2
CNT_BDR
_TH_1
CNT_BDR
_TH_0
CNT_BDR_
TH_[7:0]
In conjunction with CNT_BDR_TH_[10:8] in COUNTER_BDR_REG1 (0Bh), sets
the threshold for the internal counter of batching events. When this counter reaches
the threshold, the counter is reset and the COUNTER_BDR_IA flag in
FIFO_STATUS2 (3Bh) is set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com