Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 20Page - STMicroelectronics LSM6DSO32 Datasheet HTML 21Page - STMicroelectronics LSM6DSO32 Datasheet HTML 22Page - STMicroelectronics LSM6DSO32 Datasheet HTML 23Page - STMicroelectronics LSM6DSO32 Datasheet HTML 24Page - STMicroelectronics LSM6DSO32 Datasheet HTML 25Page - STMicroelectronics LSM6DSO32 Datasheet HTML 26Page - STMicroelectronics LSM6DSO32 Datasheet HTML 27Page - STMicroelectronics LSM6DSO32 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
Pin description
LSM6DSO32
24/153
DocID032891 Rev 1
Table 2. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
1
SDO
SPI 4-wire interface serial data output (SDO) SPI 4-wire interface serial data output (SDO)
SA0
I²C least significant bit of the device address
(SA0)
MIPI I3CSM least significant bit of the static
address (SA0)
I²C least significant bit of the device address
(SA0)
MIPI I3CSM least significant bit of the static
address (SA0)
2
SDx
Connect to VDDIO or GND
I²C serial data master (MSDA)
3
SCx
Connect to VDDIO or GND
I²C serial clock master (MSCL)
4
INT1
Programmable interrupt 1 /
If device is used as MIPI I3CSM pure slave,
this pin must be set to ‘1’.
Programmable interrupt 1 /
If device is used as MIPI I3CSM pure slave, this
pin must be set to ‘1’.
5
VDDIO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD(1)
Power supply
9
INT2
Programmable interrupt 2
(INT2) / Data enable (DEN)
Programmable interrupt 2 (INT2)/ Data enable
(DEN)/
I²C master external synchronization signal
(MDRDY)
10
NC
Leave unconnected(2)
Leave unconnected(2)
11
NC
Leave unconnected(2)
Leave unconnected(2)
12
CS
I²C/MIPI I3CSM/SPI mode selection
(1: SPI idle mode / I²C/MIPI I3CSM
communication enabled;
0: SPI communication mode / I²C/MIPI
I3CSM disabled)
I²C/MIPI I3CSM/SPI mode selection
(1: SPI idle mode / I²C/MIPI I3CSM
communication enabled;
0: SPI communication mode / I²C/MIPI I3CSM
disabled)
13
SCL
I²C/MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
I²C/MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
1. Recommended 100 nF filter capacitor.
2. Leave pin electrically unconnected and soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com