Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 56 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 52Page - STMicroelectronics LSM6DSO32 Datasheet HTML 53Page - STMicroelectronics LSM6DSO32 Datasheet HTML 54Page - STMicroelectronics LSM6DSO32 Datasheet HTML 55Page - STMicroelectronics LSM6DSO32 Datasheet HTML 56Page - STMicroelectronics LSM6DSO32 Datasheet HTML 57Page - STMicroelectronics LSM6DSO32 Datasheet HTML 58Page - STMicroelectronics LSM6DSO32 Datasheet HTML 59Page - STMicroelectronics LSM6DSO32 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
Application hints
LSM6DSO32
56/153
DocID032891 Rev 1
Internal pull-up value is from 30 kΩ to 50 kΩ, depending on VDDIO.
Note:
The procedure to enable the pull-up on pins 2 and 3 is as follows:
1. Write 40h in register at address 01h (enable access to the sensor hub registers)
2. Write 08h in register at address 14h (enable the pull-up on pins 2 and 3)
3. Write 00h in register at address 01h (disable access to the sensor hub registers)
12
CS
I²C/SPI mode
selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode /
I²C disabled)
I²C/SPI mode
selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode /
I²C disabled)
Default:
input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1
in reg 13h and
I3C_disable = 1
in reg 18h.
Default:
input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1
in reg 13h and
I3C_disable = 1
in reg 18h.
13
SCL
I²C/MIPI I3CSM serial
clock (SCL) / SPI
serial port clock
(SPC)
I²C/MIPI I3CSM serial
clock (SCL) / SPI
serial port clock
(SPC)
Default:
input without pull-up
Default:
input without pull-up
14
SDA
I²C/MIPI I3CSM serial
data (SDA) / SPI
serial data input (SDI)
/ 3-wire interface
serial data output
(SDO)
I²C/MIPI I3CSM serial
data (SDA) / SPI
serial data input (SDI)
/ 3-wire interface
serial data output
(SDO)
Default:
input without pull-up
Default:
input without pull-up
1. INT1 must be set to '0' or left unconnected during power-on if the I²C/SPI interfaces are used.
Table 19. Internal pin status (continued)
pin#
Name
Mode 1 function
Mode 2 function
Pin status Mode 1
Pin status Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com