Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 39Page - STMicroelectronics LSM6DSO32 Datasheet HTML 40Page - STMicroelectronics LSM6DSO32 Datasheet HTML 41Page - STMicroelectronics LSM6DSO32 Datasheet HTML 42Page - STMicroelectronics LSM6DSO32 Datasheet HTML 43Page - STMicroelectronics LSM6DSO32 Datasheet HTML 44Page - STMicroelectronics LSM6DSO32 Datasheet HTML 45Page - STMicroelectronics LSM6DSO32 Datasheet HTML 46Page - STMicroelectronics LSM6DSO32 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
DocID032891 Rev 1
43/153
LSM6DSO32
Digital interfaces
153
5.3
I²C/MIPI I3CSM coexistence in LSM6DSO32
In the LSM6DSO32, the SDA and SCL lines are common to both I²C and MIPI I3CSM. The
I²C bus requires anti-spike filters on the SDA and SCL pins that are not compatible with MIPI
I3CSM timing.
The device can be connected to both I²C and MIPI I3CSM or only to the MIPI I3CSM bus
depending on the connection of the INT1 pin when the device is powered up:
INT1 pin floating (internal pull-down): I²C/MIPI I3CSM both active, see Figure 13
INT1 pin connected to VDD_IO: only MIPI I3CSMactive, see Figure 14
Figure 13. I²C and MIPI I3CSM both active (INT1 pin not connected)
1. Address assignment (DAA or ENTDA) must be performed with I²C Fast Mode Plus Timing. When the slave
is addressed, the I²C slave is disabled and the timing is compatible with MIPI I3CSM specifications.
Figure 14. Only MIPI I3CSM active (INT1 pin connected to VDD_IO)
1. When the slave is MIPI I3CSM only, the I²C slave is always disabled. The address can be assigned using
MIPI I3CSM SDR timing.
I²C/I3C
(both active)
Master sends
I²C r/w
I²C bus case
Slave performs
requested r/w
Master assigns DA
to the slave(1)
I3C bus case
I3C private R/W with and without 7Eh
CCC commands
Slave event management
Error detection and recovery
Master resets
DA
INT1 pin not connected
I²C/I3C both active
I²C/I3C
I3C bus case
Dynamic
Address
Assignment
Master resets
DA
I3C private R/W with and without 7Eh
CCC commands
Slave event management
Error detection and recovery
(1)
INT1 pin connected to VDD_IO
Only I3C active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com