Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 14Page - STMicroelectronics LSM6DSO32 Datasheet HTML 15Page - STMicroelectronics LSM6DSO32 Datasheet HTML 16Page - STMicroelectronics LSM6DSO32 Datasheet HTML 17Page - STMicroelectronics LSM6DSO32 Datasheet HTML 18Page - STMicroelectronics LSM6DSO32 Datasheet HTML 19Page - STMicroelectronics LSM6DSO32 Datasheet HTML 20Page - STMicroelectronics LSM6DSO32 Datasheet HTML 21Page - STMicroelectronics LSM6DSO32 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 153 page
background image
Overview
LSM6DSO32
18/153
DocID032891 Rev 1
1
Overview
The LSM6DSO32 is a system-in-package featuring a high-performance 3-axis digital
accelerometer and 3-axis digital gyroscope.
The LSM6DSO32 delivers best-in-class motion sensing that can detect orientation and
gestures in order to empower application developers and consumers with features and
capabilities that are more sophisticated than simply orienting their devices to portrait and
landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, click and
double-click sensing, activity or inactivity, stationary/motion detection and wakeup events.
The LSM6DSO32 supports main OS requirements, offering real, virtual and batch mode
sensors. In addition, the LSM6DSO32 can efficiently run the sensor-related features
specified in Android, saving power and enabling faster reaction time. In particular, the
LSM6DSO32 has been designed to implement hardware features such as significant motion
detection, stationary/motion detection, tilt, pedometer functions, timestamping and to
support the data acquisition of an external magnetometer.
The LSM6DSO32 offers hardware flexibility to connect the pins with different mode
connections to external sensors to expand functionalities such as adding a sensor hub, etc.
Up to 9 kbytes of FIFO with compression and dynamic allocation of significant data (i.e.
external sensors, timestamp, etc.) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSO32 leverages the robust
and mature in-house manufacturing processes already used for the production of
micromachined accelerometers and gyroscopes. The various sensing elements are
manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the sensing element.
The LSM6DSO32 is available in a small plastic land grid array (LGA) package of
2.5 x 3.0 x 0.83 mm to address ultra-compact solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com