Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 97Page - STMicroelectronics LSM6DSO32 Datasheet HTML 98Page - STMicroelectronics LSM6DSO32 Datasheet HTML 99Page - STMicroelectronics LSM6DSO32 Datasheet HTML 100Page - STMicroelectronics LSM6DSO32 Datasheet HTML 101Page - STMicroelectronics LSM6DSO32 Datasheet HTML 102Page - STMicroelectronics LSM6DSO32 Datasheet HTML 103Page - STMicroelectronics LSM6DSO32 Datasheet HTML 104Page - STMicroelectronics LSM6DSO32 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 153 page
background image
DocID032891 Rev 1
101/153
LSM6DSO32
Embedded functions register description
153
11.6
EMB_FUNC_INT1 (0Ah)
INT1 pin control register (r/w).
Each bit in this register enables a signal to be carried over INT1. The pin's output will supply
the OR combination of the selected signals.
Table 169. EMB_FUNC_INT1 register description
Table 168. EMB_FUNC_INT1 register
INT1_
FSM_
LC
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT1_
SIG_MOT
INT1_TILT
INT1_
STEP_
DETECTOR
0(1)
0(1)
0(1)
INT1_FSM_LC(1)
1. This bit is effective if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1.
Routing of FSM long counter timeout interrupt event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_SIG_MOT(1)
Routing of significant motion event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_TILT(1)
Routing of tilt event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_STEP_
DETECTOR(1)
Routing of pedometer step recognition event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com