Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 110 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 106Page - STMicroelectronics LSM6DSO32 Datasheet HTML 107Page - STMicroelectronics LSM6DSO32 Datasheet HTML 108Page - STMicroelectronics LSM6DSO32 Datasheet HTML 109Page - STMicroelectronics LSM6DSO32 Datasheet HTML 110Page - STMicroelectronics LSM6DSO32 Datasheet HTML 111Page - STMicroelectronics LSM6DSO32 Datasheet HTML 112Page - STMicroelectronics LSM6DSO32 Datasheet HTML 113Page - STMicroelectronics LSM6DSO32 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 153 page
background image
Embedded functions register description
LSM6DSO32
110/153
DocID032891 Rev 1
11.18
FSM_ENABLE_B (47h)
FSM enable register (r/w)
Table 193. FSM_ENABLE_B register description
11.19
FSM_LONG_COUNTER_L (48h) and
FSM_LONG_COUNTER_H (49h)
FSM long counter status register (r/w)
Long counter value is an unsigned integer value (16-bit format); this value can be reset
using the LC_CLEAR bit in FSM_LONG_COUNTER_CLEAR (4Ah) register.
Table 192. FSM_ENABLE_B register
FSM16_EN FSM15_EN FSM14_EN FSM13_EN FSM12_EN FSM11_EN FSM10_EN FSM9_EN
FSM16_EN
FSM16 enable. Default value: 0 (0: FSM16 disabled; 1: FSM16 enabled)
FSM15_EN
FSM15 enable. Default value: 0 (0: FSM15 disabled; 1: FSM15 enabled)
FSM14_EN
FSM14 enable. Default value: 0 (0: FSM14 disabled; 1: FSM14 enabled)
FSM13_EN
FSM13 enable. Default value: 0 (0: FSM13 disabled; 1: FSM13 enabled)
FSM12_EN
FSM12 enable. Default value: 0 (0: FSM12 disabled; 1: FSM12 enabled)
FSM11_EN
FSM11 enable. Default value: 0 (0: FSM11 disabled; 1: FSM11 enabled)
FSM10_EN
FSM10 enable. Default value: 0 (0: FSM10 disabled; 1: FSM10 enabled)
FSM9_EN
FSM9 enable. Default value: 0 (0: FSM9 disabled; 1: FSM9 enabled)
Table 194. FSM_LONG_COUNTER_L register
FSM_LC_
7
FSM_LC_
6
FSM_LC_
5
FSM_LC_
4
FSM_LC_
3
FSM_LC_
2
FSM_LC_
1
FSM_LC_
0
Table 195. FSM_LONG_COUNTER_L register description
FSM_LC_[7:0]
Long counter current value (LSbyte). Default value: 00000000
Table 196. FSM_LONG_COUNTER_H register
FSM_LC_
15
FSM_LC_
14
FSM_LC_
13
FSM_LC_
12
FSM_LC_
11
FSM_LC_
10
FSM_LC_
9
FSM_LC_
8
Table 197. FSM_LONG_COUNTER_H register description
FSM_LC_[15:8]
Long counter current value (MSbyte). Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com