Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 43Page - STMicroelectronics LSM6DST Datasheet HTML 44Page - STMicroelectronics LSM6DST Datasheet HTML 45Page - STMicroelectronics LSM6DST Datasheet HTML 46Page - STMicroelectronics LSM6DST Datasheet HTML 47Page - STMicroelectronics LSM6DST Datasheet HTML 48Page - STMicroelectronics LSM6DST Datasheet HTML 49Page - STMicroelectronics LSM6DST Datasheet HTML 50Page - STMicroelectronics LSM6DST Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 180 page
background image
DocID033525 Rev 2
47/180
LSM6DST
Functionality
180
6
Functionality
6.1
Operating modes
In the LSM6DST, the accelerometer and the gyroscope can be turned on/off independently
of each other and are allowed to have different ODRs and power modes.
The LSM6DST has three operating modes available:
only accelerometer active and gyroscope in power-down
only gyroscope active and accelerometer in power-down
both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL
(10h) while the gyroscope is activated from power-down by writing ODR_G[3:0] in
CTRL2_G (11h). For combo-mode the ODRs are totally independent.
6.2
Accelerometer power modes
In the LSM6DST, the accelerometer can be configured in five different operating modes:
power-down, ultra-low-power, low-power, normal mode and high-performance mode. The
operating mode selected depends on the value of the XL_HM_MODE bit in CTRL6_C (15h).
If XL_HM_MODE is set to '0', high-performance mode is valid for all ODRs (from 12.5 Hz up
to 6.66 kHz).
To enable the low-power and normal mode, the XL_HM_MODE bit has to be set to '1'. Low-
power mode is available for lower ODRs (1.6, 12.5, 26, 52 Hz) while normal mode is
available for ODRs equal to 104 and 208 Hz.
6.2.1
Accelerometer ultra-low-power mode
The LSM6DST can be configured in ultra-low-power (ULP) mode by setting the
XL_ULP_EN bit to 1 in CTRL5_C (14h) register. This mode can be used in accelerometer-
only mode (gyroscope sensor must be configured in power-down mode) and for ODR_XL
values between 1.6 Hz and 208 Hz.
When ULP mode is intended to be used, the bit XL_HM_MODE must be set to 0.
When ULP mode is switched ON/OFF, the accelerometer must be configured in power-
down condition.
ULP mode cannot be used in Mode 3 or Mode 4 connection modes.
The embedded functions based on accelerometer data (free-fall, 6D/4D, tap, double-tap,
wake-up, activity/inactivity, stationary/motion, step-counter, step-detection, significant
motion, tilt) and the FIFO batching functionality are still supported when ULP mode is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com