Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 71 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 67Page - STMicroelectronics LSM6DST Datasheet HTML 68Page - STMicroelectronics LSM6DST Datasheet HTML 69Page - STMicroelectronics LSM6DST Datasheet HTML 70Page - STMicroelectronics LSM6DST Datasheet HTML 71Page - STMicroelectronics LSM6DST Datasheet HTML 72Page - STMicroelectronics LSM6DST Datasheet HTML 73Page - STMicroelectronics LSM6DST Datasheet HTML 74Page - STMicroelectronics LSM6DST Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 180 page
background image
DocID033525 Rev 2
71/180
LSM6DST
Register description
180
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w)
Table 24. FUNC_CFG_ACCESS register description
Table 23. FUNC_CFG_ACCESS register
FUNC_CFG_
ACCESS
SHUB_
REG_
ACCESS
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
ODR_
1kHz
0(1)
0(1)
OIS_CTRL
_FROM_UI
FUNC_CFG_
ACCESS
Enable access to the embedded functions configuration registers.
Default value: 0(1)
1. Details concerning the embedded functions configuration registers are available in Section 12:
Embedded functions register mapping and Section 13: Embedded functions register description.
SHUB_REG_
ACCESS
Enable access to the sensor hub (I²C master) registers.
Default value: 0(2)
2. Details concerning the sensor hub registers are available in Section 16: Sensor hub register mapping and
Section 17: Sensor hub register description.
ODR_1kHz(3)
3. This ODR is available only in Combo mode.
Enable ODR @ 1 kHz. To enable this function, follow these steps:
1. Set ODR_1kHz to 1
2. Set ODR _XL [3:0] to ‘0111’ in CTRL1_XL (10h)
3. Set ODR _G [3:0] to ‘0111’ in CTRL2_G (11h)
To disable this function, follow these steps:
1. Set ODR _XL [3:0] to ‘0000’ in CTRL1_XL (10h)
2. Set ODR _G [3:0] to ‘0000’ in CTRL2_G (11h)
3. Set ODR_1kHz to 0
OIS_CTRL_
FROM_UI
Enable the full control from the Primary Interface of OIS configurations.
Default value: 0
(0: OIS chain full control from Primary Interface disabled;
1: OIS chain full control from Primary Interface enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com