Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 53 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 53 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 49Page - STMicroelectronics LSM6DST Datasheet HTML 50Page - STMicroelectronics LSM6DST Datasheet HTML 51Page - STMicroelectronics LSM6DST Datasheet HTML 52Page - STMicroelectronics LSM6DST Datasheet HTML 53Page - STMicroelectronics LSM6DST Datasheet HTML 54Page - STMicroelectronics LSM6DST Datasheet HTML 55Page - STMicroelectronics LSM6DST Datasheet HTML 56Page - STMicroelectronics LSM6DST Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 180 page
background image
DocID033525 Rev 2
53/180
LSM6DST
Functionality
180
6.5
OIS
This paragraph describes OIS functionality and dedicated accelerometer-gyroscope DSP
chain.
There is a dedicated gyroscope and accelerometer DSP for OIS.
Other features can be configured:
Self-test on OIS side
DEN on OIS side
6.5.1
Enabling OIS functionality and connection schemes
There are three different ways in order to enable and configure OIS functionality:
Auxiliary SPI full control: Enabling and configuration done from Auxiliary SPI
Enabling primary interface: Enable from primary interface, configuration from
Auxiliary SPI
Primary interface full control: Enabling and configuration done from primary interface
The configurations that allow selecting these three different options are done using the
OIS_CTRL_FROM_UI bit in FUNC_CFG_ACCESS (01h) and the OIS_ON_EN bit in
CTRL7_G (16h) as described in the following table.
Table 20. OIS configurations
OIS_CTRL_
FROM_UI
OIS_ON_EN
OIS configuration option
0
0
Auxiliary SPI full control
0
1
Enabling primary interface
1
x
Primary interface full control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com