Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 100 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 100 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 96Page - STMicroelectronics LSM6DST Datasheet HTML 97Page - STMicroelectronics LSM6DST Datasheet HTML 98Page - STMicroelectronics LSM6DST Datasheet HTML 99Page - STMicroelectronics LSM6DST Datasheet HTML 100Page - STMicroelectronics LSM6DST Datasheet HTML 101Page - STMicroelectronics LSM6DST Datasheet HTML 102Page - STMicroelectronics LSM6DST Datasheet HTML 103Page - STMicroelectronics LSM6DST Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 180 page
background image
Register description
LSM6DST
100/180
DocID033525 Rev 2
9.47
UI_OUTZ_L_A_OIS (54h) and UI_OUTZ_H_A_OIS (55h)
Linear acceleration sensor Z-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Data are according to the accelerometer full scale and ODR (6.66 kHz) settings of the OIS
accelerometer.
9.48
TAP_CFG0 (56h)
Activity/inactivity functions, configuration of filtering, and tap recognition functions (r/w).
Table 138. TAP_CFG0 register description
Table 134. UI_OUTZ_L_A_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 135. UI_OUTZ_H_A_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 136. UI_OUTZ_H_A_OIS register description
D[15:0]
Accelerometer OIS chain Z-axis linear acceleration output value
Table 137. TAP_CFG0 register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT_CLR
_ON_
READ
SLEEP_
STATUS_
ON_INT
SLOPE_
FDS
TAP_X_EN TAP_Y_EN TAP_Z_EN
LIR
INT_CLR_ON_
READ
This bit allows immediately clearing the latched interrupts of an event
detection upon the read of the corresponding status register. It must be set to 1
together with LIR. Default value: 0
(0: latched interrupt signal cleared at the end of the ODR period;
1: latched interrupt signal immediately cleared)
SLEEP_STATUS
_ON_INT
Activity/inactivity interrupt mode configuration.
If INT1_SLEEP_CHANGE or INT2_SLEEP_CHANGE bits are enabled, drives
the sleep status or sleep change on the INT pins. Default value: 0
(0: sleep change notification on INT pins; 1: sleep status reported on INT pins)
SLOPE_FDS
HPF or SLOPE filter selection on wake-up and Activity/Inactivity functions.
Default value: 0 (
0: SLOPE filter applied; 1: HPF applied)
TAP_X_EN
Enable X direction in tap recognition. Default value: 0
(0: X direction disabled; 1: X direction enabled)
TAP_Y_EN
Enable Y direction in tap recognition. Default value: 0
(0: Y direction disabled; 1: Y direction enabled)
TAP_Z_EN
Enable Z direction in tap recognition. Default value: 0
(0: Z direction disabled; 1: Z direction enabled)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com