Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 97Page - STMicroelectronics LSM6DST Datasheet HTML 98Page - STMicroelectronics LSM6DST Datasheet HTML 99Page - STMicroelectronics LSM6DST Datasheet HTML 100Page - STMicroelectronics LSM6DST Datasheet HTML 101Page - STMicroelectronics LSM6DST Datasheet HTML 102Page - STMicroelectronics LSM6DST Datasheet HTML 103Page - STMicroelectronics LSM6DST Datasheet HTML 104Page - STMicroelectronics LSM6DST Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 180 page
background image
DocID033525 Rev 2
101/180
LSM6DST
Register description
180
9.49
TAP_CFG1 (57h)
Tap configuration register (r/w)
Table 140. TAP_CFG1 register description
9.50
TAP_CFG2 (58h)
Enables interrupt and inactivity functions, and tap recognition functions (r/w).
Table 143. TAP_CFG2 register description
Table 139. TAP_CFG1 register
TAP_PRI
ORITY_2
TAP_PRI
ORITY_1
TAP_PRIO
RITY_0
TAP_THS
_X_4
TAP_THS_
X_3
TAP_THS_
X_2
TAP_THS_
X_1
TAP_TH
S_X_0
TAP_PRIORITY_[2:0]
Selection of axis priority for TAP detection (see Table 141)
TAP_THS_X_[4:0]
X-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
Table 141. TAP priority decoding
TAP_PRIORITY_[2:0]
Max. priority
Mid. priority
Min. priority
000
X
Y
Z
001
Y
X
Z
010
X
Z
Y
011
Z
Y
X
100
X
Y
Z
101
Y
Z
X
110
Z
X
Y
111
Z
Y
X
Table 142. TAP_CFG2 register
INTERRUPTS_
ENABLE
INACT_
EN1
INACT_
EN0
TAP_THS
_Y_4
TAP_THS
_Y_3
TAP_THS
_Y_2
TAP_THS
_Y_1
TAP_THS
_Y_0
INTERRUPTS_
ENABLE
Enable basic interrupts (6D/4D, free-fall, wake-up, tap, inactivity). Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
INACT_EN[1:0]
Enable activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, XL and gyro do not change;
01: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro does not change;
10: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to sleep mode;
11: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to power-down
mode)
TAP_THS_Y_
[4:0]
Y-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com