Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 99 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 95Page - STMicroelectronics LSM6DST Datasheet HTML 96Page - STMicroelectronics LSM6DST Datasheet HTML 97Page - STMicroelectronics LSM6DST Datasheet HTML 98Page - STMicroelectronics LSM6DST Datasheet HTML 99Page - STMicroelectronics LSM6DST Datasheet HTML 100Page - STMicroelectronics LSM6DST Datasheet HTML 101Page - STMicroelectronics LSM6DST Datasheet HTML 102Page - STMicroelectronics LSM6DST Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 180 page
background image
DocID033525 Rev 2
99/180
LSM6DST
Register description
180
9.44
UI_OUTZ_L_G_OIS (4Eh) and UI_OUTZ_H_G_OIS (4Fh)
Angular rate sensor yaw axis (Z) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
Data are according to the gyroscope full scale and ODR (6.66 kHz) settings of the OIS gyro.
9.45
UI_OUTX_L_A_OIS (50h) and UI_OUTX_H_A_OIS (51h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Data are according to the accelerometer full scale and ODR (6.66 kHz) settings of the OIS
accelerometer.
9.46
UI_OUTY_L_A_OIS (52h) and UI_OUTY_H_A_OIS (53h)
Linear acceleration sensor Y-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Data are according to the accelerometer full scale and ODR (6.66 kHz) settings of the OIS
accelerometer.
Table 125. UI_OUTZ_L_G_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 126. UI_OUTZ_H_G_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 127. UI_OUTZ_H_G_OIS register description
D[15:0]
Gyro OIS chain yaw axis (Z) angular rate output value
Table 128. UI_OUTX_L_A_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 129. UI_OUTX_H_A_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 130. UI_OUTX_H_A_OIS register description
D[15:0]
Accelerometer OIS chain X-axis linear acceleration output value
Table 131. UI_OUTY_L_A_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 132. UI_OUTY_H_A_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 133. UI_OUTY_H_A_OIS register description
D[15:0]
Accelerometer OIS chain Y-axis linear acceleration output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com