Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 61Page - STMicroelectronics LSM6DST Datasheet HTML 62Page - STMicroelectronics LSM6DST Datasheet HTML 63Page - STMicroelectronics LSM6DST Datasheet HTML 64Page - STMicroelectronics LSM6DST Datasheet HTML 65Page - STMicroelectronics LSM6DST Datasheet HTML 66Page - STMicroelectronics LSM6DST Datasheet HTML 67Page - STMicroelectronics LSM6DST Datasheet HTML 68Page - STMicroelectronics LSM6DST Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 180 page
background image
8
VDD
Power supply
Power supply
Power supply
9
INT2
Programmable
interrupt 2 (INT2) /
Data enabled (DEN)
Programmable
interrupt 2 (INT2) /
Data enabled (DEN) /
I²C master external
synchronization
signal (MDRDY)
Programmable
interrupt 2 (INT2) /
Data enabled (DEN)
Default:
output forced to
ground
Default:
output forced to ground
Default:
output forced to
ground
10 OCS_Aux
Leave unconnected
Leave unconnected
Auxiliary SPI 3/4-wire
interface enabled
Default:
input with pull-up. Pull-
up is disabled if bit
OIS_PU_DIS = 1
in reg 02h.
Default:
input with pull-up. Pull-
up is disabled if bit
OIS_PU_DIS = 1
in reg 02h.
Default:
input without pull-up
(regardless of the
value of bit
OIS_PU_DIS
in reg 02h.)
11 SDO_Aux
Connect to VDDIO or
leave unconnected
Connect to VDDIO or
leave unconnected
Auxiliary SPI 3-wire
interface: leave
unconnected /
Auxiliary SPI 4-wire
interface: serial data
output (SDO_Aux)
Default:
input with pull-up. Pull-
up is disabled if bit
OIS_PU_DIS = 1
in reg 02h.
Default:
input with pull-up. Pull-
up is disabled if bit
OIS_PU_DIS = 1
in reg 02h.
Default:
input without pull-up.
Pull-up is enabled if bit
SIM_OIS = 1
(Aux_SPI 3-wire) in
reg 70h and bit
OIS_PU_DIS = 0
in reg 02h.
12
CS
I²C/SPI mode
selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode /
I²C disabled)
I²C/SPI mode
selection
(1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode /
I²C disabled)
I²C/SPI mode
selection (
1:SPI idle mode /
I²C communication
enabled;
0: SPI communication
mode / I²C disabled)
Default:
input with pull-up.
Pull-up is disabled if
bit I2C_disable = 1
in reg 13h and
I3C_disable = 1
in reg 18h.
Default:
input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1
in reg 13h and
I3C_disable = 1
in reg 18h.
Default:
input with pull-up.
Pull-up is disabled if
bit I2C_disable = 1
in reg 13h and
I3C_disable = 1
in reg 18h.
Table 21. Internal pin status (continued)
pin
#
Name
Mode 1 function
Mode 2 function
Mode 3 / Mode 4
function
Pin status
Mode 1
Pin status
Mode 2
Pin status
Mode 3/4(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com