Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DST Datasheet HTML 1Page - STMicroelectronics LSM6DST Datasheet HTML 2Page - STMicroelectronics LSM6DST Datasheet HTML 3Page - STMicroelectronics LSM6DST Datasheet HTML 4Page - STMicroelectronics LSM6DST Datasheet HTML 5Page - STMicroelectronics LSM6DST Datasheet HTML 6Page - STMicroelectronics LSM6DST Datasheet HTML 7Page - STMicroelectronics LSM6DST Datasheet HTML 8Page - STMicroelectronics LSM6DST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 180 page
background image
This is information on a product in full production.
September 2020
DocID033525 Rev 2
1/180
LSM6DST
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- production data
Features
Power consumption: 0.55 mA in combo normal
mode
 “Always-on" experience with low power
consumption for both accelerometer and gyroscope
 Smart FIFO up to 9 kbyte
 Android compliant
 ±2/±4/±8/±16 g full scale
 ±125/±250/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IO supply (1.62 V)
 Compact footprint: 2.5 mm x 3 mm x 0.83 mm
 SPI / I²C & MIPI I3CSM 1.0 serial interface
 Auxiliary SPI for OIS data output for gyroscope and
accelerometer
 OIS configurable from Aux SPI, primary interface
(SPI / I²C & MIPI I3CSM 1.0)
 Advanced pedometer, step detector and step
counter
 Significant Motion Detection, Tilt detection
 Standard interrupts: free-fall, wakeup, 6D/4D
orientation, click and double-click
 Programmable finite state machine: accelerometer,
gyroscope and external sensors
 Embedded temperature sensor
 ECOPACK, RoHS and “Green” compliant
Applications
 Motion tracking and gesture detection
 Sensor hub
 Indoor navigation
 IoT and connected devices
 Smart power saving for handheld devices
EIS and OIS for camera applications
 Vibration monitoring and compensation
Description
The LSM6DST is a system-in-package featuring a 3D
digital accelerometer and a 3D digital gyroscope
boosting performance at 0.55 mA in high-performance
mode and enabling always-on low-power features for
an optimal motion experience for the consumer.
The LSM6DST supports main OS requirements,
offering real, virtual and batch sensors with 9 kbytes for
dynamic data batching. ST’s family of MEMS sensor
modules leverages the robust and mature
manufacturing processes already used for the
production of micromachined accelerometers and
gyroscopes. The various sensing elements are
manufactured using specialized micromachining
processes, while the IC interfaces are developed using
CMOS technology that allows the design of a dedicated
circuit which is trimmed to better match the
characteristics of the sensing element.
The LSM6DST has a full-scale acceleration range of
±2/±4/±8/±16 g and an angular rate range of
±125/±250/±500/±1000/±2000 dps.
The LSM6DST fully supports EIS and OIS applications
as the module includes a dedicated configurable signal
processing path for OIS and auxiliary SPI, configurable
for both the gyroscope and accelerometer. The
LSM6DST OIS can be configured from the Auxiliary
SPI and primary interface (SPI / I²C & MIPI I3CSM).
High robustness to mechanical shock makes the
LSM6DST the preferred choice of system designers for
the creation and manufacturing of reliable products.
The LSM6DST is available in a plastic land grid array
(LGA) package.
LGA-14L
(2.5 x 3 x 0.83 mm) typ.
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DSTTR -40 to +85
LGA-14L
(2.5x3x0.83 mm)
Tape &
Reel
www.st.com


Similar Part No. - LSM6DST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DST/X STMICROELECTRONICS-LSM6DST/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSTX STMICROELECTRONICS-LSM6DSTX Datasheet
5Mb / 175P
iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
21-Jul-2022
More results

Similar Description - LSM6DST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com