Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 98 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 98 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 94Page - STMicroelectronics LSM6DST Datasheet HTML 95Page - STMicroelectronics LSM6DST Datasheet HTML 96Page - STMicroelectronics LSM6DST Datasheet HTML 97Page - STMicroelectronics LSM6DST Datasheet HTML 98Page - STMicroelectronics LSM6DST Datasheet HTML 99Page - STMicroelectronics LSM6DST Datasheet HTML 100Page - STMicroelectronics LSM6DST Datasheet HTML 101Page - STMicroelectronics LSM6DST Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 180 page
background image
Register description
LSM6DST
98/180
DocID033525 Rev 2
9.41
UI_STATUS_REG_OIS (49h)
OIS status register (r).
Accelerometer data available (reset when one of the high parts of the output data is
read)
9.42
UI_OUTX_L_G_OIS (4Ah) and UI_OUTX_H_G_OIS (4Bh)
Angular rate sensor pitch axis (X) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
Data are according to the gyroscope full scale and ODR (6.66 kHz) settings of the OIS gyro.
9.43
UI_OUTY_L_G_OIS (4Ch) and UI_OUTY_H_G_OIS (4Dh)
Angular rate sensor roll axis (Y) angular rate output register (r). The value is expressed as a
16-bit word in two’s complement.
Data are according to the gyroscope full scale and ODR (6.66 kHz) settings of the OIS gyro.
Table 117. UI_STATUS_REG_OIS register
00000
GYRO_
SETTLING
GDA
XLDA
Table 118. UI_STATUS_REG_OIS register description
GYRO_
SETTLING
High when the gyroscope output is in the settling phase
GDA
Gyroscope data available (reset when one of the high parts of the output data is read)
XLDA
Table 119. UI_OUTX_L_G_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 120. UI_OUTX_H_G_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 121. UI_OUTX_H_G_OIS register description
D[15:0]
Gyro OIS chain pitch axis (X) angular rate output value
Table 122. UI_OUTY_L_G_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 123. UI_OUTY_H_G_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 124. UI_OUTY_H_G_OIS description
D[15:0]
Gyro OIS chain roll axis (Y) angular rate output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com