Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 21Page - STMicroelectronics LSM6DST Datasheet HTML 22Page - STMicroelectronics LSM6DST Datasheet HTML 23Page - STMicroelectronics LSM6DST Datasheet HTML 24Page - STMicroelectronics LSM6DST Datasheet HTML 25Page - STMicroelectronics LSM6DST Datasheet HTML 26Page - STMicroelectronics LSM6DST Datasheet HTML 27Page - STMicroelectronics LSM6DST Datasheet HTML 28Page - STMicroelectronics LSM6DST Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
DocID033525 Rev 2
25/180
LSM6DST
Pin description
180
3.1
Pin connections
The LSM6DST offers flexibility to connect the pins in order to have four different mode
connections and functionalities. In detail:
Mode 1: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available;
Mode 2: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface and I²C
interface master for external sensor connections are available;
Mode 3: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available for the application processor interface while an auxiliary SPI (3- and 4-wire)
serial interface for external sensor connections is available for the gyroscope ONLY;
Mode 4: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is
available for the application processor interface while an auxiliary SPI (3- and 4-wire)
serial interface for external sensor connections is available for the accelerometer and
gyroscope.
Figure 4. LSM6DST connection modes
In the following table each mode is described for the pin connections and function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com