Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 69 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 65Page - STMicroelectronics LSM6DST Datasheet HTML 66Page - STMicroelectronics LSM6DST Datasheet HTML 67Page - STMicroelectronics LSM6DST Datasheet HTML 68Page - STMicroelectronics LSM6DST Datasheet HTML 69Page - STMicroelectronics LSM6DST Datasheet HTML 70Page - STMicroelectronics LSM6DST Datasheet HTML 71Page - STMicroelectronics LSM6DST Datasheet HTML 72Page - STMicroelectronics LSM6DST Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 180 page
background image
DocID033525 Rev 2
69/180
LSM6DST
Register mapping
180
UI_OUTY_L_G_OIS
R
4C
01001100
output
UI_OUTY_H_G_OIS
R
4D
01001101
output
UI_OUTZ_L_G_OIS
R
4E
01001110
output
UI_OUTZ_H_G_OIS
R
4F
01001111
output
UI_OUTX_L_A_OIS
R
50
01010000
output
UI_OUTX_H_A_OIS
R
51
01010001
output
UI_OUTY_L_A_OIS
R
52
01010010
output
UI_OUTY_H_A_OIS
R
53
01010011
output
UI_OUTZ_L_A_OIS
R
54
01010100
output
UI_OUTZ_H_A_OIS
R
55
01010101
output
TAP_CFG0
RW
56
01010110
00000000
TAP_CFG1
RW
57
01010111
00000000
TAP_CFG2
RW
58
01011000
00000000
TAP_THS_6D
RW
59
01011001
00000000
INT_DUR2
RW
5A
01011010
00000000
WAKE_UP_THS
RW
5B
01011011
00000000
WAKE_UP_DUR
RW
5C
01011100
00000000
FREE_FALL
RW
5D
01011101
00000000
MD1_CFG
RW
5E
01011110
00000000
MD2_CFG
RW
5F
01011111
00000000
RESERVED
-
60-61
I3C_BUS_AVB
RW
62
01100010
00000000
INTERNAL_FREQ_
FINE
R
63
01100011
output
RESERVED
-
64-6E
UI_INT_OIS
R (SPI2 full control mode)
RW (Primary IF full control mode)
6F
01101111
00000000
UI_CTRL1_OIS
R (SPI2 full control mode)
RW (Primary IF full control mode)
70
01110000
00000000
UI_CTRL2_OIS
R (SPI2 full control mode)
RW (Primary IF full control mode)
71
01110001
00000000
UI_CTRL3_OIS
R (SPI2 full control mode)
RW (Primary IF full control mode)
72
01110010
00000000
X_OFS_USR
RW
73
01110011
00000000
Y_OFS_USR
RW
74
01110100
00000000
Table 22. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com