Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 110 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 110 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 106Page - STMicroelectronics LSM6DST Datasheet HTML 107Page - STMicroelectronics LSM6DST Datasheet HTML 108Page - STMicroelectronics LSM6DST Datasheet HTML 109Page - STMicroelectronics LSM6DST Datasheet HTML 110Page - STMicroelectronics LSM6DST Datasheet HTML 111Page - STMicroelectronics LSM6DST Datasheet HTML 112Page - STMicroelectronics LSM6DST Datasheet HTML 113Page - STMicroelectronics LSM6DST Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 180 page
background image
Register description
LSM6DST
110/180
DocID033525 Rev 2
9.62
UI_CTRL2_OIS (71h)
OIS configuration register. The primary interface can write this register when the
OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS (01h) register is equal to 1 (Primary
IF Full control mode); this register is read-only when the OIS_CTRL_FROM_UI bit is equal
to 0 (SPI2 Full control mode) and shows the content of the SPI2_CTRL2_OIS (71h) register.
Table 170. UI_CTRL2_OIS register description
Table 169. UI_CTRL2_OIS register
--
HPM1_
OIS
HPM0_
OIS
0(1)
1. This bit must be set to '0' for the correct operation of the device.
FTYPE_1_
OIS
FTYPE_0_
OIS
HP_EN_
OIS
HPM[1:0]_OIS
Selects gyroscope OIS chain digital high-pass filter cutoff. Default value: 00
(00: 16 mHz;
01: 65 mHz;
10: 260 mHz;
11: 1.04 Hz)
FTYPE_[1:0]_OIS
Selects gyroscope digital LPF1 filter bandwidth. Table 171 shows cutoff and
phase values obtained with all configurations.
HP_EN_OIS
Enables gyroscope OIS chain digital high-pass filter
Table 171. Gyroscope OIS chain digital LPF1 filter bandwidth selection
FTYPE_[1:0]_OIS
Cutoff [Hz]
Phase @ 20 Hz [°]
00
335.5
-6.69
01
232.0
-8.78
10
171.1
-11.18
11
609.0
-4.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com