Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 120 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 120 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 116Page - STMicroelectronics LSM6DST Datasheet HTML 117Page - STMicroelectronics LSM6DST Datasheet HTML 118Page - STMicroelectronics LSM6DST Datasheet HTML 119Page - STMicroelectronics LSM6DST Datasheet HTML 120Page - STMicroelectronics LSM6DST Datasheet HTML 121Page - STMicroelectronics LSM6DST Datasheet HTML 122Page - STMicroelectronics LSM6DST Datasheet HTML 123Page - STMicroelectronics LSM6DST Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 180 page
background image
SPI2 register description
LSM6DST
120/180
DocID033525 Rev 2
11.10
SPI2_INT_OIS (6Fh)
OIS interrupt configuration register and accelerometer self-test enable setting. The auxiliary
SPI interface can write this register when the OIS_CTRL_FROM_UI bit in the
FUNC_CFG_ACCESS (01h) register is equal to 0 (SPI2 Full control mode); this register is
read-only when the OIS_CTRL_FROM_UI bit is equal to 1 (Primary IF Full control mode)
and shows the content of the UI_INT_OIS (6Fh) register.
Table 218. SPI_INT_OIS register description
Table 217. SPI_INT_OIS register
INT2_
DRDY_
OIS
LVL2_OIS
DEN_LH_
OIS
--
0(1)
1. This bit must be set to '0' for the correct operation of the device.
ST1_XL_
OIS
ST0_XL_
OIS
INT2_DRDY_
OIS
Enables OIS chain DRDY on INT2 pin. This setting has priority over all other INT2
settings.
LVL2_OIS
Enables level-sensitive latched mode on the OIS chain. Default value: 0
DEN_LH_
OIS
Indicates polarity of DEN signal on OIS chain
(0: DEN pin is active-low;
1: DEN pin is active-high)
ST[1:0]_XL_
OIS
Selects accelerometer self-test – effective only if XL OIS chain is enabled. Default
value: 00
(00: Normal mode;
01: Positive sign self-test;
10: Negative sign self-test;
11: not allowed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com