Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DST Datasheet(PDF) 126 Page - STMicroelectronics

Part # LSM6DST
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DST Datasheet(HTML) 126 Page - STMicroelectronics

Back Button LSM6DST Datasheet HTML 122Page - STMicroelectronics LSM6DST Datasheet HTML 123Page - STMicroelectronics LSM6DST Datasheet HTML 124Page - STMicroelectronics LSM6DST Datasheet HTML 125Page - STMicroelectronics LSM6DST Datasheet HTML 126Page - STMicroelectronics LSM6DST Datasheet HTML 127Page - STMicroelectronics LSM6DST Datasheet HTML 128Page - STMicroelectronics LSM6DST Datasheet HTML 129Page - STMicroelectronics LSM6DST Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 180 page
background image
Embedded functions register description
LSM6DST
126/180
DocID033525 Rev 2
13
Embedded functions register description
13.1
PAGE_SEL (02h)
Enable advanced features dedicated page (r/w)
Table 229. PAGE_SEL register description
13.2
EMB_FUNC_EN_A (04h)
Embedded functions enable register (r/w)
Table 231. EMB_FUNC_EN_A register description
Table 228. PAGE_SEL register
PAGE_SEL3 PAGE_SEL2 PAGE_SEL1 PAGE_SEL0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
1(2)
2. This bit must be set to '1' for the correct operation of the device.
PAGE_SEL[3:0]
Select the advanced features dedicated page
Default value: 0000
Table 230. EMB_FUNC_EN_A register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
SIGN_
MOTION_
EN
TILT_EN
PEDO_EN
0(1)
0(1)
0(1)
SIGN_MOTION_EN
Enable significant motion detection function. Default value: 0
(0: significant motion detection function disabled;
1: significant motion detection function enabled)
TILT_EN
Enable tilt calculation. Default value: 0
(0: tilt algorithm disabled;
1: tilt algorithm enabled)
PEDO_EN
Enable pedometer algorithm. Default value: 0
(0: pedometer algorithm disabled;
1: pedometer algorithm enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com